| Electronic Components Datasheet Search |
|
M38040F1HKP Datasheet(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38040F1HKP Datasheet(HTML) 11 Page - Renesas Technology Corp |
|
11 / 116 page ![]() Rev.1.01 Jan 25, 2005 page 11 of 114 REJ03B0131-0101Z 3804 Group (Spec. H) MISRG (1) Bit 0 of address 001016: Oscillation stabilizing time set af- ter STP instruction released bit When the MCU stops the clock oscillation by the STP instruction and the STP instruction has been released by an external interrupt source, usually, the fixed values of Timer 1 and Prescaler 12 (Timer 1 = 0116, Prescaler 12 = FF16) are automatically reloaded in order for the oscillation to stabilize. The user can inhibit the au- tomatic setting by setting “1” to bit 0 of MISRG (address 001016). However, by setting this bit to “1”, the previous values, set just be- fore the STP instruction was executed, will remain in Timer 1 and Prescaler 12. Therefore, you will need to set an appropriate value to each register, in accordance with the oscillation stabilizing time, before executing the STP instruction. Figure 9 shows the structure of MISRG. (2) Bits 1, 2, 3 of address 001016: Middle-speed Mode Auto- matic Switch Function In order to switch the clock mode of an MCU which has a sub- clock, the following procedure is necessary: set CPU mode register (003B16) --> start main clock oscillation --> wait for oscillation stabilization --> switch to middle-speed mode (or high-speed mode). However, the 3804 group (Spec. H) has the built-in function which automatically switches from low to middle-speed mode either by the SCL/SDA interrupt or by program. qMiddle-speed mode automatic switch by SCL/SDA Interrupt The SCL/SDA interrupt source enables an automatic switch when the middle-speed mode automatic switch set bit (bit 1) of MISRG (address 001016) is set to “1”. The conditions for an automatic switch execution depend on the settings of bits 5 and 6 of the I2C START/STOP condition control register (address 001616). Bit 5 is the SCL/SDA interrupt pin polarity selection bit and bit 6 is the SCL/SDA interrupt pin selection bit. The main clock oscillation sta- bilizing time can also be selected by middle-speed mode automatic switch wait time set bit (bit 2) of the MISRG. qMiddle-speed mode automatic switch by program The middle-speed mode can also be automatically switched by program while operating in low-speed mode. By setting the middle-speed automatic switch start bit (bit 3) of MISRG (address 001016) to “1” in the condition that the middle-speed mode auto- matic switch set bit is “1” while operating in low-speed mode, the MCU will automatically switch to middle-speed mode. In this case, the oscillation stabilizing time of the main clock can be selected by the middle-speed automatic switch wait time set bit (bit 2) of MISRG (address 001016). Fig. 9 Structure of MISRG MISRG (MISRG : address 001016) b7 b0 Note1: During operation in low-speed mode, it is possible automatically to switch to middle-speed mode owing to SCL/SDA interrupt. 2: When automatic switch to middle-speed mode from low-speed mode occurs, the values of CPU mode register (003B16) change. Not used (return “0” when read) (Do not write “1” to this bit) Middle-speed mode automatic switch start bit (Depending on program) 0: Invalid 1: Automatic switch start (Note1) Middle-speed mode automatic switch wait time set bit 0: 4.5 to 5.5 machine cycles 1: 6.5 to 7.5 machine cycles Middle-speed mode automatic switch set bit 0: Not set automatically 1: Automatic switching enabled (Note1, 2) Oscillation stabilizing time set after STP instruction released bit 0: Automatically set “0116” to Timer 1, “FF16” to Prescaler 12 1: Automatically set disabled |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |