Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38262ECFS Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # M38262ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38262ECFS Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button M38262ECFS Datasheet HTML 73Page - Renesas Technology Corp M38262ECFS Datasheet HTML 74Page - Renesas Technology Corp M38262ECFS Datasheet HTML 75Page - Renesas Technology Corp M38262ECFS Datasheet HTML 76Page - Renesas Technology Corp M38262ECFS Datasheet HTML 77Page - Renesas Technology Corp M38262ECFS Datasheet HTML 78Page - Renesas Technology Corp M38262ECFS Datasheet HTML 79Page - Renesas Technology Corp M38262ECFS Datasheet HTML 80Page - Renesas Technology Corp M38262ECFS Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 77 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
3.3.5 Notes on timer
This clause describes notes for the various operation modes of Timer X, Timer Y, Timer 1, Timer 2, and
Timer 3.
(1) Timer X
■For all modes
◆When reading and writing to the timer X high-order and low-order registers, be sure to read/write
both the timer X high- and low-order registers.
When reading the timer X high-order and low-order registers, read the high-order register first.
When writing to the timer X high-order and low-order registers, write the low-order register first.
The timer X cannot perform the correct operation if the next operation is performed.
•Write operation to the high- or low-order register before reading the timer X low-order register
•Read operation from the high- or low-order register before writing to the timer X high-order
register
◆When the operation “writing data only to the latch” is selected by the timer X write control bit (bit
0 of timer X mode register (address 2716)) is selected, a value is simultaneously set to the timer
X and the timer X latch if the writing in the high-order register and the underflow of timer X are
performed at the same timing. Unexpected value may be set in the high-order timer on this
occasion.
■Pulse output mode
◆When reading port P54 (bit 4 of port P5 register (address 0A16)) in the pulse output mode, the
pin state is read instead of the contents of the port latch.
■Real time port function
◆After reset is released, the port P5 direction register is set as the input mode and ports P50–P57
functions as regular ports. To use as the RTP function pin, set the corresponding bit of the port
P5 direction register to the output mode.
■CNTR0 active edge selection
◆The CNTR0 active edge selection bit (bit 6 of timer X mode register) also effects the active edge
of the generation of the CNTR0 interrupt request.
(2) Timer Y
■For all modes
◆When reading and writing to the timer Y high-order and low-order registers, be sure to read/write
both the timer Y high- and low-order registers.
When reading the timer Y high-order and low-order registers, read the high-order register first.
When writing to the timer Y high-order and low-order registers, write the low-order register first.
The timer Y cannot perform the correct operation if the next operation is performed.
•Write operation to the high- or low-order register before reading the timer Y low-order register
•Read operation from the high- or low-order register before writing to the timer Y high-order
register
■CNTR1 active edge selection
◆The CNTR1 active edge selection bit (bit 6 of timer Y mode register (address 2816)) also effects
the active edge of the generation of the CNTR1 interrupt request. However, both edges are valid
for the request generation regardless of the bit state in the continuous HL pulse-width measurement
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com