Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKP404KS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RKP404KS
Description  Composite Pin Diode for Antenna Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKP404KS Datasheet(HTML) 2 Page - Renesas Technology Corp

  RKP404KS Datasheet HTML 1Page - Renesas Technology Corp RKP404KS Datasheet HTML 2Page - Renesas Technology Corp RKP404KS Datasheet HTML 3Page - Renesas Technology Corp RKP404KS Datasheet HTML 4Page - Renesas Technology Corp RKP404KS Datasheet HTML 5Page - Renesas Technology Corp RKP404KS Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RKP404KS
Rev.2.00 Jul 03, 2006 page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
30
V
Forward current
IF
100
mA
Power dissipation
Pd *
100
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Note:
Per one device
Electrical Characteristics (RKP200KP Series)
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR
—
—
100
nA
VR = 30 V
Forward voltage
VF
—
—
1.0
V
IF = 10 mA
Capacitance
C
—
—
0.35
pF
VR = 1 V, f = 1 MHz
Forward resistance
rf
—
—
1.3
Ω
IF = 10 mA, f = 100 MHz
ESD-Capability *
1
—
100
—
—
V
C = 200 pF, R = 0
Ω, Both forward
and reverse direction 1 pulse.
Electrical Characteristics (RKP201KN Series)
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR
—
—
100
nA
VR = 30 V
Forward voltage
VF
—
—
0.9
V
IF = 2 mA
Capacitance
C
—
—
0.35
pF
VR = 1 V, f = 1 MHz
Forward resistance
rf
—
—
2.0
Ω
IF = 2 mA, f = 100 MHz
ESD-Capability *
1
—
100
—
—
V
C = 200 pF, R = 0
Ω, Both forward
and reverse direction 1 pulse.
Notes
: 1. Failure criterion ; I
R > 100 nA at VR = 30 V
2. For MFP12 package, the material of lead is exposed for cutting plane. There for, soldering nature of lead tip
part is considered as unquestioned. Please kindly consider soldering nature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com