Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62333P Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M62333P
Description  8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62333P Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M62333P Datasheet HTML 2Page - Renesas Technology Corp M62333P Datasheet HTML 3Page - Renesas Technology Corp M62333P Datasheet HTML 4Page - Renesas Technology Corp M62333P Datasheet HTML 5Page - Renesas Technology Corp M62333P Datasheet HTML 6Page - Renesas Technology Corp M62333P Datasheet HTML 7Page - Renesas Technology Corp M62333P Datasheet HTML 8Page - Renesas Technology Corp M62333P Datasheet HTML 9Page - Renesas Technology Corp M62333P Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
M62333P/FP, M62338P/FP
REJ03D0865-0400 Rev.4.00 Mar 25, 2008
Page 8 of 9
Package Dimensions
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
SEATING PLANE
85
4
1
*2
*3
*3
D
e
b2
b3
bp
2.79
2.29
4.5
A1
b3
15°
e
2.54
c
L
3.0
0.51
1.4
1.5
1.8
A
E
6.15
6.3
6.45
D
8.7
8.9
9.1
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.22
0.27
0.34
P-DIP8-6.3x8.84-2.54
0.5g
MASS[Typ.]
8P4
PRDP0008AA-A
RENESAS Code
JEITA Package Code
Previous Code
bp
0.4
0.5
0.6
e1
7.62
7.32
7.92
b2
0.9
1.0
1.3
A2
3.3
A
L
e
c1
b1
D
E
A2
bp
c
θ
x
y
HE
Z
L1
4.85
4.65
0.90
0.12
6.2
0.15 0.20 0.25
1.12
1.42
0.46
0.00
0.1
0.20
4.4
1.85
4.6
4.2
0.25 0.45 0.65
2.03
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
5.05
A1
0.34
0.4
6.5
5.7
1.27
0.10
0.75
5
8
4
F
*1
*3
p
M
x
y
1
Index mark
Z
b
D
p
Terminal cross section
( Ni/Pd/Au plating )
b
Detail F
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
e
P-SOP8-4.4x4.85-1.27
0.1g
MASS[Typ.]
PRSP0008DE-C
RENESAS Code
JEITA Package Code
Previous Code
1
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com