Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62367GP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62367GP
Description  3 V Type 8-bit 8ch D/A Converter with Buffer Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62367GP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62367GP Datasheet HTML 1Page - Renesas Technology Corp M62367GP Datasheet HTML 2Page - Renesas Technology Corp M62367GP Datasheet HTML 3Page - Renesas Technology Corp M62367GP Datasheet HTML 4Page - Renesas Technology Corp M62367GP Datasheet HTML 5Page - Renesas Technology Corp M62367GP Datasheet HTML 6Page - Renesas Technology Corp M62367GP Datasheet HTML 7Page - Renesas Technology Corp M62367GP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REJ03D0877-0300 Rev.3.00 Mar 25, 2008
Page 1 of 7
M62367GP
3 V Type 8-bit 8ch D/A Converter with Buffer Amplifiers
REJ03D0877-0300
Rev.3.00
Mar 25, 2008
Description
The M62367GP is a CMOS semiconductor IC has 8 channels of 8-bit D/A converter. It is operable with a low supply
voltage between 2.7 to 3.6 V, and is easy to use due to serial data input, and 3-pin (DI, CLK, LD) connection with
microcomputer.
The IC also contains DO pin terminal, enabling cascade connection, and therefore is suitable for automatic control in
combination with a microcomputer.
Features
• Operable with a low voltage between 2.7 to 3.6 V
• 12-bit serial data input (connected via 3 pins: DI, CLK, LD)
• 8 channels of R-2R and segment type high-performance 8-bit D/A converters
• 8 buffer operational amplifiers with full swing of output voltage between V
CC and GND
• High oscillation stability against the capacitive load of buffer operational amplifiers
Application
Digital/analog conversion in industrial or home-use electronic equipment.
Automatic control in combination with EEPROM and microcomputer (Substitute for conventional semi-fixed resistor).
Block Diagram
16
1
14
13
12
11
9
GND
AO1
DI
CLK
LD
Do
AO8
VCC
VDD
(VrefU)
VSS
(VrefL)
VO2
VO3
VO4
VO5
VO6
VO7
8-bit
latch
8-bit
latch
8-bit R-2R
+segment
D/A converter
8-bit R-2R
+segment
D/A converter
L
D/A
3
L
D/A
4
L
D/A
5
L
........
D/A
6
L
L
D/A
D/A
7
8
2
(8)
(8)
10
15
D0 1 2 3 4 5 6 D7 D8 9 10 D11
Address
decoder
12-bit shift register


Similar Part No. - M62367GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62367GP MITSUBISHI-M62367GP Datasheet
45Kb / 5P
3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results

Similar Description - M62367GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62353P MITSUBISHI-M62353P Datasheet
55Kb / 6P
8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62359P MITSUBISHI-M62359P Datasheet
58Kb / 6P
8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62367GP MITSUBISHI-M62367GP Datasheet
45Kb / 5P
3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62353AGP RENESAS-M62353AGP Datasheet
113Kb / 9P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P Datasheet
131Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62359P RENESAS-M62359P Datasheet
2Mb / 7P
8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62364FP RENESAS-M62364FP_09 Datasheet
124Kb / 9P
8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
R2A20168NP RENESAS-R2A20168NP Datasheet
473Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NPSASP RENESAS-R2A20168NPSASP_15 Datasheet
364Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P_15 Datasheet
119Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com