Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62371GP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62371GP
Description  3 V Type 8-bit 36ch Selector SW Built-in D/A Converter with Buffer Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62371GP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62371GP Datasheet HTML 1Page - Renesas Technology Corp M62371GP Datasheet HTML 2Page - Renesas Technology Corp M62371GP Datasheet HTML 3Page - Renesas Technology Corp M62371GP Datasheet HTML 4Page - Renesas Technology Corp M62371GP Datasheet HTML 5Page - Renesas Technology Corp M62371GP Datasheet HTML 6Page - Renesas Technology Corp M62371GP Datasheet HTML 7Page - Renesas Technology Corp M62371GP Datasheet HTML 8Page - Renesas Technology Corp M62371GP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M62371GP
REJ03D0880-0201 Rev.2.01 Dec 27, 2007
Page 4 of 8
Electrical Characteristics
<Digital Part>
(VCC = +3 V ± 10%, VCC = VDD, Ta = –20 to +85°C, unless otherwise noted.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
Supply voltage
VCC
2.7
3.0
5.5
V
Circuit current
ICC
—
1.0
—
mA
CLK = 1 MHz operation,
VCC = 3 V, IAO = 0 µA
Input leak current
IILK
–10
—
10
µA
Input low voltage
VIL
—
—
0.6
V
Input high voltage
VIH
2.4
—
—
V
Output low voltage
VOL
—
—
0.4
V
IOL = 2.5 mA
Output high voltage
VOH
VCC – 0.4
—
—
V
IOH = –400 µA
Note:
Standard value is at Ta = 25
°C
<Analog Part>
(VCC = +3 V ± 10%, VCC = VDD, Ta = –20 to +85°C, unless otherwise noted.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
Current dissipation
IDD
—
8.0
12.0
mA
D/A converter upper
reference voltage range
VDD
2.7
3.0
5.5
V
D/A converter lower
reference voltage range
VSS
GND
—
VDD – 2
V
0.1
—
VDD – 0.1
V
IAO = ±0.5 mA
Buffer amplifier output
voltage range
VAO
0.2
—
VDD – 0.2
V
IAO = ±1.0 mA
Buffer amplifier output
driving range
IAO
–1.5
—
1.5
mA
Upper saturation voltage = 0.4 V
Lower saturation voltage = 0.4 V
Differential nonlinearity
error
SDL
–1.0
—
1.0
LSB
Nonlinearity error
SL
–1.5
—
1.5
LSB
Zero code error
SZERO
–2
—
2
LSB
Full scale error
SFULL
–2
—
2
LSB
VCC = 2.700 V
VDD = 2.700 V
VSS = 0.050 V
No load (IAO = ±0)
Output capacitive load
CO
—
—
0.1
µF
Buffer amplifier output
impedance
RO
—
50
—
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com