| Electronic Components Datasheet Search |
|
M38042FBHKP Datasheet(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38042FBHKP Datasheet(HTML) 15 Page - Renesas Technology Corp |
|
15 / 116 page ![]() Rev.1.01 Jan 25, 2005 page 15 of 114 REJ03B0131-0101Z 3804 Group (Spec. H) Fig. 12 Port block diagram (1) (6) Ports P34, P44 Serial I/O input (1) Ports P0, P6 A/D converter input Analog input pin selection bit Direction register Data bus Port latch Pull-up control bit (2) Ports P10, P11, P42, P43, P57 Interrupt input (3) Ports P12 to P17, P2 (4) Ports P30, P31 DA1 output enable (P30) DA2 output enable (P31) (8) Ports P36, P46 (7) Ports P35, P45 (5) Ports P32, P33 Data bus Direction register Port latch Pull-up control bit Pull-up control bit Direction register Port latch Data bus Data bus Direction register Port latch Pull-up control bit D/A converter output Data bus Direction register Port latch Pull-up control bit Serial I/O enable bit Receive enable bit Direction register Port latch Data bus Pull-up control bit Serial I/O enable bit Transmit enable bit P-channel output disable bit Serial I/O enable bit Serial I/O mode selection bit Serial I/O enable bit Serial I/O synchronous clock selection bit Data bus Direction register Port latch Pull-up control bit Serial I/O external clock input Serial I/O clock output Serial I/O output Direction register Port latch Data bus SDA output SCL output SDA input SCL input I2C-BUS interface enable bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |