Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD151TS206SS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD151TS206SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS206SS Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD151TS206SS Datasheet HTML 1Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 2Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 3Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 4Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 5Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 6Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 7Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 8Page - Renesas Technology Corp HD151TS206SS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
HD151TS206SS
Rev.1.00, Apr.28.2003, page 5 of 34
Pin Descriptions (cont.)
Pin name
No.
Type
Description
**SEL100_200/PCI_4
18
INPUT/OUTPUT
Latched select input for SRC output.
1 = 200 MHz, 0 = 100 MHz
/PCI clock 3.3 V output. 33 MHz clock divided down
from 3V66.
**SEL33_25/PCI_5
19
INPUT/OUTPUT
Latched select input for PCI5 output.
1 = 25 MHz, 0 = 33 MHz
/PCI clock 3.3 V output. 33 MHz clock divided down
from 3V66.
*PWRDWN#
/SAFE_FREQ
20
INPUT
Power down pin. All circuits will be powered down.
Asynchronous active low input pin used to power
down the device into low power state. The internal
clocks are disabled and VCO and the crystal are
stopped.
When Byte15 bit5 = 1 Safe frequency input select.
Real time input for frequency jump. Driving this input
'LOW' will cause output to jump to predefined IIC
frequency location.
**SEL48_24/48_24MHz 21
INPUT/OUTPUT
Latched select input for 48_24 MHz output
1 = 24 MHz, 0 = 48 MHz / 48_24 MHz clock 3.3 V
output.
**FS3/48MHz
22
INPUT/OUTPUT
Frequency select latch input pin.
3.3 V Fixed 48 MHz DOT clock output.
**SEL66_48
/3V66_3/VCH
25
INPUT/OUTPUT
Latched select input for 3V66/VCH output
1 = 48 MHz, 0 = 66.66 MHz. / 3V66 or VCH clock
output.
3V66_2,3V66_1
26,29
OUTPUT
3.3 V 66.66 MHz clock output.
3V66_0/RESET#
30
OUTPUT
3.3 V 66.66 MHz clock output / Real time system
reset signal for frequency gear ratio change or
watchdog timer timeout. This signal is active low and
selected by Mode latch input.
*SCLK
31
INPUT
Clock input for I
2C logic.
*SDATA
32
INPUT/OUTPUT
Data input and output for I
2C logic.
*VTT_PWRGD#
33
INPUT
Qualifying input that latches Frequency latch inputs.
When this input is at a logic low, Frequency latched.
SRC#
35
OUTPUT
“Complementary” clock of Differential Serial
Reference Clock.
SRC
36
OUTPUT
“True” clock of Differential Serial Reference Clock.
CPU[0:2]
39,42,
45
OUTPUT
“True” clocks of differential pair CPU clock.
CPU#[0:2]
38,41,
44
OUTPUT
“Complementary” clocks of differential pair CPU
clock.
IREF
46
INPUT
A precision resistor is attached to this pin which is
connected to internal current reference.
Note:
(*):
Those pins are 150 k
Ω internal pull-up.
(**):
Those pins are 150 k
Ω internal pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com