Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404019RFS Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD404019RFS
Description  CMOS 4-bit single-chip microcomputers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404019RFS Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD404019RFS Datasheet HTML 17Page - Renesas Technology Corp HD404019RFS Datasheet HTML 18Page - Renesas Technology Corp HD404019RFS Datasheet HTML 19Page - Renesas Technology Corp HD404019RFS Datasheet HTML 20Page - Renesas Technology Corp HD404019RFS Datasheet HTML 21Page - Renesas Technology Corp HD404019RFS Datasheet HTML 22Page - Renesas Technology Corp HD404019RFS Datasheet HTML 23Page - Renesas Technology Corp HD404019RFS Datasheet HTML 24Page - Renesas Technology Corp HD404019RFS Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
HD404019R Series
19
Serial Interface
The serial interface is used to transmit/receive 8-bit data serially. It consists of the serial data register, the
serial mode register, the octal counter, and the multiplexer as illustrated in figure 9. Pin R4
0/SCK and the
transmit clock signal are controlled by the serial mode register. The contents of the serial data register can
be written into or read out by software. The data in the serial data register can be shifted synchronously
with the transmit clock signal.
The STS instruction initiates serial interface operations and resets the octal counter to $0. The counter starts
to count at the falling edge of the transmit clock (
SCK) signal and increments by one at the rising edge of
SCK. When the octal counter is reset to $0 after eight transmit clock signals, or a transmit/receive operation
is discontinued, the serial interrupt request flag will be set.
System
clock
Prescaler (11 bits)
Serial MPX
÷ 2
MPX
SMR (4 bits)
Serial mode register
R40/SCK
port
SCK
OC (3 bits)
Octal counter
IFS
SROF
Serial
interface
interrupt
request flag
Internal bus line (S1)
SR (8 bits)
Serial data register
4
2
3
44
SCK
SCK
4
PMR (4 bits)
Port mode register
R41/SI
port
SI
SO
R42/SO
port
44
Internal bus line (S2)
Internal bus-line (S2)
Figure 9 Serial Interface Block Diagram
Serial Mode Register (SMR: $005): The 4-bit write-only serial mode register controls the R4
0/SCK pin,
prescaler divide ratio, and transmit clock source as shown in table 7.
The write signal to the serial mode register controls the operating state of the serial interface.
The write signal to the serial mode register stops the serial data register and octal counter from accepting
the transmit clock, and it also resets the octal counter to $0 simultaneously. Therefore, when the serial
interface is in the transfer state, the write signal causes the serial mode register to cease the data transmit
and to set the serial interrupt request flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com