Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404616FS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD404616FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404616FS Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD404616FS Datasheet HTML 1Page - Renesas Technology Corp HD404616FS Datasheet HTML 2Page - Renesas Technology Corp HD404616FS Datasheet HTML 3Page - Renesas Technology Corp HD404616FS Datasheet HTML 4Page - Renesas Technology Corp HD404616FS Datasheet HTML 5Page - Renesas Technology Corp HD404616FS Datasheet HTML 6Page - Renesas Technology Corp HD404616FS Datasheet HTML 7Page - Renesas Technology Corp HD404616FS Datasheet HTML 8Page - Renesas Technology Corp HD404616FS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
HD404618 Series
4-Bit Single-Chip Microcomputer
Rev. 6.0
Sept. 1998
Description
The HD404618 Series is designed with the powerful and efficient architecture of the HMCS400 family.
The MCU incorporates a high-precision dual-tone multifrequency (DTMF) circuit, LCD driver/controller,
voltage comparator, and 32-kHz watch oscillator circuit.
The HD404618 Series includes five chips: the HD404612 with 2-kword ROM; the HD404614 with 4-
kword ROM; the HD404616 with 6-kword ROM; the HD404618 with 8-kword ROM; the HD4074618
with 8-kword PROM.
The HD4074618, incorporating PROM, is a ZTAT
™ microcomputer that can dramatically shorten system
development periods and smooth the process from debugging to mass production.
ZTAT™ : Zero Turn Around time ZTAT is a trademark of Hitachi Ltd.
Features
• 2048-word × 10-bit ROM (HD404612)
• 4096-word × 10-bit ROM (HD404614)
• 6144-word × 10-bit ROM (HD404616)
• 8192-word × 10-bit ROM (HD404618, HD4074618)
• 1184-digit × 4-bit RAM
• 30 I/O pins
 10 high-current output pins
 CMOS I/O pin circuit configuration
 Input/output pull-up MOS can be selected by software
• On-chip DTMF generator
• LCD controller/driver (32 segments × 4 commons)
• Three timer/counters
• Clock-synchronous 8-bit serial interface
• Six interrupt sources
 Two by external sources
 Four by internal sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com