Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVM16 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVM16
Description  Variable Capacitance Diode for FM tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVM16 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVM16 Datasheet HTML 1Page - Renesas Technology Corp HVM16 Datasheet HTML 2Page - Renesas Technology Corp HVM16 Datasheet HTML 3Page - Renesas Technology Corp HVM16 Datasheet HTML 4Page - Renesas Technology Corp HVM16 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVM16
Rev.6.00 Feb 17, 2005 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
14
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics *
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse voltage
VR
14.0
—
—
V
IR = 10 µA
Reverse current
IR
—
—
50.0
nA
VR = 9 V
C2
43.0
—
48.1
VR = 2 V, f = 1 MHz
Capacitance
C8
24.6
—
29.2
pF
VR = 8 V, f = 1 MHz
Capacitance ratio
n
1.65
—
1.75
—
C2/C8
Figure of merit
Q
75.0
—
—
—
VR = 2 V, f = 100 MHz
Note
: Per one device.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com