Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404848 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD404848
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404848 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD404848 Datasheet HTML 17Page - Renesas Technology Corp HD404848 Datasheet HTML 18Page - Renesas Technology Corp HD404848 Datasheet HTML 19Page - Renesas Technology Corp HD404848 Datasheet HTML 20Page - Renesas Technology Corp HD404848 Datasheet HTML 21Page - Renesas Technology Corp HD404848 Datasheet HTML 22Page - Renesas Technology Corp HD404848 Datasheet HTML 23Page - Renesas Technology Corp HD404848 Datasheet HTML 24Page - Renesas Technology Corp HD404848 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
HD404849 Series
19
Interrupts
The MCU has ten interrupt sources: four external signals (
INT
0, INT1, INT2, INT3), four timer/counters
(timers A, B, C, and D), serial interface, and A/D converter.
An interrupt request flag (IF), interrupt mask (IM), and vector address are provided for each interrupt
source, and an interrupt enable flag (IE) controls the entire interrupt process.
Some vector addresses are shared by two different interrupts. They are timer B and INT
2, timer C and
INT
3, and A/D converter and serial interface interrupts.
So the type of request that has occurred must be
checked at the beginning of interrupt processing.
Interrupt Control Bits and Interrupt Processing: Locations $000 to $003 and $022 to $023 in RAM are
reserved for the interrupt control bits which can be accessed by RAM bit manipulation instructions.
The interrupt request flag (IF) cannot be set by software. MCU reset initializes the interrupt enable flag
(IE) and the IF to 0 and the interrupt mask (IM) to 1.
A block diagram of the interrupt control circuit is shown in figure 9, interrupt priorities and vector
addresses are listed in table 2, and interrupt processing conditions for the ten interrupt sources are listed in
table 3.
An interrupt request occurs when the IF is set to 1 and the IM is set to 0. If the IE is 1 at that point, the
interrupt is processed. A priority programmable logic array (PLA) generates the vector address assigned to
that interrupt source.
The interrupt processing sequence is shown in figure 10 and an interrupt processing flowchart is shown in
figure 11. After an interrupt is acknowledged, the previous instruction is completed in the first cycle. The
IE is reset in the second cycle, the carry, status, and program counter values are pushed onto the stack
during the second and third cycles, and the program jumps to the vector address to execute the instruction
in the third cycle.
Program the JMPL instruction at each vector address, to branch the program to the start address of the
interrupt program, and reset the IF by a software instruction within the interrupt program.
Table 2 Vector Addresses and Interrupt Priorities
Reset/Interrupt
Priority
Vector Address
RESET, STOPC*
—
$0000
INT
0
1
$0002
INT
1
2
$0004
Timer A
3
$0006
Timer B, INT
2
4
$0008
Timer C, INT
3
5
$000A
Timer D
6
$000C
A/D, Serial
7
$000E
Note:
* The
STOPC interrupt request is valid only in stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com