Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM628512CLPI-7 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HM628512CLPI-7
Description  Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM628512CLPI-7 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HM628512CLPI-7 Datasheet HTML 11Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 12Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 13Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 14Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 15Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 16Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 17Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 18Page - Renesas Technology Corp HM628512CLPI-7 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
HM628512CI Series
15
Package Dimensions (cont.)
HM628512CLTTI Series (TTP-32D)
Hitachi Code
JEDEC
JEITA
Mass (reference value)
TTP-32D
Conforms
—
0.51 g
*Dimension including the plating thickness
Base material dimension
1.27
0.21 M
*0.42 ± 0.08
0.10
20.95
21.35 Max
17
16
32
1
0˚ – 5˚
11.76 ± 0.20
0.50 ± 0.10
1.15 Max
0.80
0.40 ± 0.06
As of July, 2002
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com