Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAF2015RJ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HAF2015RJ
Description  Silicon N Channel MOSFET Series Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2015RJ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HAF2015RJ Datasheet HTML 2Page - Renesas Technology Corp HAF2015RJ Datasheet HTML 3Page - Renesas Technology Corp HAF2015RJ Datasheet HTML 4Page - Renesas Technology Corp HAF2015RJ Datasheet HTML 5Page - Renesas Technology Corp HAF2015RJ Datasheet HTML 6Page - Renesas Technology Corp HAF2015RJ Datasheet HTML 7Page - Renesas Technology Corp HAF2015RJ Datasheet HTML 8Page - Renesas Technology Corp HAF2015RJ Datasheet HTML 9Page - Renesas Technology Corp HAF2015RJ Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HAF2015RJ
REJ03G1141-0300 Rev.3.00 Aug 27, 2007
Page 6 of 9
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width (1 Drive Operation)
10
µ
100
µ
1 m
10 m
100 m
1
10
100
1000
10000
10
1
0.1
0.01
0.001
0.0001
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
PDM
PW
T
D =
PW
T
θch – f (t) = γ s (t) • θch – f
θch – f = 125°C/W, Ta = 25°C
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm)
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width (2 Drive Operation)
10
µ
100
µ
1 m
10 m
100 m
1
10
100
1000
10000
10
1
0.1
0.01
0.001
0.0001
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
PDM
PW
T
D =
PW
T
θch – f (t) = γ s (t) • θch – f
θch – f = 166°C/W, Ta = 25°C
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm)
12
10
8
4
6
2
0
0.0001
1
200
180
160
140
120
0
100
24
6
8
10
ID = 0.2 A
0.01
0.1
0.001
Gate to Source Voltage vs.
Shutdown Time of Load-Short Test
Shutdown Time of Load-Short Test PW (S)
Shutdown Case Temperature vs.
Gate to Source Voltage
Gate to Source Voltage
VGS (V)
VDD = 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com