Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAF2021 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAF2021
Description  Silicon N Channel MOSFET Series Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2021 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAF2021 Datasheet HTML 1Page - Renesas Technology Corp HAF2021 Datasheet HTML 2Page - Renesas Technology Corp HAF2021 Datasheet HTML 3Page - Renesas Technology Corp HAF2021 Datasheet HTML 4Page - Renesas Technology Corp HAF2021 Datasheet HTML 5Page - Renesas Technology Corp HAF2021 Datasheet HTML 6Page - Renesas Technology Corp HAF2021 Datasheet HTML 7Page - Renesas Technology Corp HAF2021 Datasheet HTML 8Page - Renesas Technology Corp HAF2021 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HAF2021(L), HAF2021(S)
Rev.2.00, Mar.05.2004, page 3 of 8
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain current
ID1
90
——A
VGS = 6 V, VDS = 10 V
Drain current
ID2
——10
mA
VGS = 1.2 V, VDS = 10 V
Drain to source breakdown voltage
V(BR)DSS
60
——V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
16
——V
IG = 300
µA, VDS = 0
Gate to source breakdown voltage
V(BR)GSS
–2.5
V
IG = –100
µA, VDS = 0
Gate to source leak current
IGSS1
100
µAVGS = 6 V, VDS = 0
IGSS2
——50
µAVGS = 3.5 V, VDS = 0
IGSS3
——1
µAVGS = 1.2 V, VDS = 0
IGSS4
–100
µAVGS = –2.4 V, VDS = 0
Input current (shut down)
IGS(op)1
—0.6
—mA
VGS = 6 V, VDS = 0
IGS(op)2
—0.35
mA
VGS = 3.5 V, VDS = 0
Zero gate voltage drain current
IDSS
——10
µAVDS = 60 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
2.2
3.4
V
ID = 1 mA, VDS = 10 V
Forward transfer admittance
|yfs|
1550—
S
ID = 25 A, VDS = 10 V
Note3
Static drain to source on state
resistance
RDS(on)
—8
12
m
ID = 25 A, VGS = 10 V
Note3
Static drain to source on state
resistance
RDS(on)
—9.5
15
m
ID = 25 A, VGS = 6 V
Note3
Output capacitance
Coss
1450
pF
VDS = 10 V , VGS = 0, f = 1 MHz
Turn-on delay time
td(on)
—20
µs
ID = 25 A, VGS = 10 V
Rise time
tr
—75
µs
RL = 1.2
Turn-off delay time
td(off)
—3
—µs
Fall time
tf
—2.6
—µs
Body–drain diode forward voltage
VDF
—0.9
—V
IF = 50 A, VGS = 0
Body–drain diode reverse
recovery time
trr
110
ns
IF = 50 A, VGS = 0
diF/ dt =50 A/µs
Over load shut down
operation time
Note4
tos
—0.8
—ms
VGS = 6 V, VDD = 16 V
Notes: 3. Pulse test
4. Including the junction temperature rise of the over loaded condition.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com