Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAF2017-90STR Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HAF2017-90STR
Description  Silicon N Channel Power MOSFET Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2017-90STR Datasheet(HTML) 7 Page - Renesas Technology Corp

  HAF2017-90STR Datasheet HTML 1Page - Renesas Technology Corp HAF2017-90STR Datasheet HTML 2Page - Renesas Technology Corp HAF2017-90STR Datasheet HTML 3Page - Renesas Technology Corp HAF2017-90STR Datasheet HTML 4Page - Renesas Technology Corp HAF2017-90STR Datasheet HTML 5Page - Renesas Technology Corp HAF2017-90STR Datasheet HTML 6Page - Renesas Technology Corp HAF2017-90STR Datasheet HTML 7Page - Renesas Technology Corp HAF2017-90STR Datasheet HTML 8Page - Renesas Technology Corp HAF2017-90STR Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HAF2017(L), HAF2017(S)
Rev.2.00, Apr.13.2004, page 7 of 8
Package Dimensions
Package Code
JEDEC
JEITA
Mass (reference value)
LDPAK (L)
—
—
1.40 g
10.2 ± 0.3
0.86
0.76 ± 0.1
2.54 ± 0.5
2.54 ± 0.5
+ 0.2
– 0.1
1.3 ± 0.2
4.44 ± 0.2
1.3 ± 0.15
2.49 ± 0.2
0.4 ± 0.1
1.37 ± 0.2
As of January, 2003
Unit: mm
Package Code
JEDEC
JEITA
Mass (reference value)
LDPAK (S)-(1)
—
—
1.30 g
10.2 ± 0.3
1.37 ± 0.2
4.44 ± 0.2
1.3 ± 0.15
0.1
+ 0.2
– 0.1
0.4 ± 0.1
2.49 ± 0.2
0.86
+ 0.2
– 0.1
2.54 ± 0.5
2.54 ± 0.5
1.3 ± 0.2
7.8
6.6
2.2
As of January, 2003
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com