Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC2G74 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74ALVC2G74
Description  Single D-type Flip Flops with Preset and Clear
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G74 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74ALVC2G74 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 10Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HD74ALVC2G74
Rev.3.00, Dec.18.2003, page 8 of 10
Operating Characteristics
(Ta = 25°C)
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test conditions
1.5
13.5
1.8
13.5
2.5
20.0
Power dissipation
capacitance
CPD
3.3
22.0
pF
f = 10 MHz
Test Circuit
Pulse Generator
Z
= 50
out
Ω
Input
Input
Pulse Generator
Z
= 50
out
Ω
V
PRE
CLR
DQ
CLK
Q
CC
VCC
Output Q
CL
Output
Q
CL
Notes: 1. C includes probe and jig capacitance.
2. Test is put into the each flip flops.
L
V
= 1.8
±0.15 V
CC
R
1.0 k
Ω
2.0 k
Ω
500
Ω
L
C
30 pF
15 pF
30 pF
L
V
= 2.5
±0.2 V,
3.3
±0.3 V
CC
V
= 1.2 V,
1.5
±0.1 V
CC
Symbol
RL
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com