Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74BC244AFPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74BC244AFPEL
Description  Octal Buffers/Line Drivers With 3 State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74BC244AFPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74BC244AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74BC244AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74BC244AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74BC244AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74BC244AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74BC244AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74BC244AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74BC244AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74BC244AFPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.3.00, Jul.16.2004, page 1 of 8
HD74BC244A
Octal Buffers/Line Drivers With 3 State Outputs
REJ03D0281–0300Z
(Previous ADE-205-007A (Z))
Rev.3.00
Jul.16.2004
Description
The HD74BC244A provides high drivability and operation equal to or better than high speed bipolar standard logic IC
by using Bi-CMOS process. The device features low power dissipation that is about 1/5 of high speed bipolar logic IC,
when the frequency is 10 MHz. The device has eight inverter drivers with three state outputs in a 20 pin package. This
device is a non inverting buffer and has two active low enables (1
G and 2G). Each enable independently controls 4
buffers.
Features
• Input/Output are at high impedance state when power supply is off.
• Built in input pull up circuit can make input pins be open, when not used.
• TTL level input
• Wide operating temperature range
Ta = –40 to + 85°C
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74BC244AP
DILP-20 pin
DP-20N, -20NEV
P
—
HD74BC244AFPEL
SOP-20 pin (JEITA) FP-20DAV
FP
EL (2,000 pcs/reel)
HD74BC244ATELL
TSSOP-20 pin
TTP-20DAV
T
ELL (2,000 pcs/reel)
Note:
Please consults the sales office for the above package availability.
Function Table
Inputs
G
G
G
G
A
Output Y
HX
Z
LH
H
LL
L
H :
High level
L
:
Low level
X :
Immaterial
Z
:
High impedance


Similar Part No. - HD74BC244AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
More results

Similar Description - HD74BC244AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Renesas Technology Corp
HD74LVC240A RENESAS-HD74LVC240A Datasheet
189Kb / 7P
Octal Buffers / Line Drivers with 3-state Outputs
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540 Datasheet
111Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com