Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74BC245ATELL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74BC245ATELL
Description  Octal Bus Transceivers With 3 State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74BC245ATELL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74BC245ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74BC245ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74BC245ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74BC245ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74BC245ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74BC245ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74BC245ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74BC245ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74BC245ATELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74BC245A
Rev.4.00, Jul.16.2004, page 4 of 8
Electrical Characteristics (Ta = –40°C to +85°C)
Item
Symbol
V
CC(V)
Min
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
—
V
V
IL
—0.8
V
Output voltage
V
OH
4.5
2.4
—
V
I
OH = –3 mA
4.5
2.0
—
V
I
OH = –15 mA
V
OL
4.5
—
0.5
V
I
OL = 48 mA
4.5
—
0.55
V
I
OL = 64 mA
Input diode voltage
V
IK
4.5
—
–1.2
V
I
IN = –18 mA
Input current
I
I
5.5
—
–250
µA
V
IN = 0 V
5.5
—
100
µA
An or Bn, V
IN = 5.5 V
5.5
—
1.0
µA
DiR or
G, V
IN = 5.5 V
5.5
—
100
µA
DiR or
G, V
IN = 7.0 V
Short circuit output current*
1
I
OS
5.5
–100
–225
mA
V
O = 0 V, VIN = 5.5 V
Off state output current
I
OZH
5.5
—
–100
µA
V
O = 2.7 V
I
OZL
5.5
—
–250
µA
V
O = 0.5 V
Supply current
I
CCL
5.5
—
31.5
mA
V
IN = 0 or 5.5 V
All outputs is “L”
I
CCH
5.5
—
0.5
mA
V
IN = 0 or 5.5 V
All outputs is “H”
I
CCZ
5.5
—
4.5
mA
V
IN = 0 or 5.5 V
All outputs is “Z”
I
CCT*
2
5.5
—
1.5
mA
V
IN = 3.4 or 0.5 V
Notes : 1. Not more than one output should be shorted at a time and duration of the short circuit should not exceed one
second.
2. When input by the TTL level, it shows I
CC increase at per one input pin.
Switching Test Method (C
L = 50 pF)
Ta = 25°C
V
CC = 5.0 V
Ta = –40 to 85°C
V
CC = 5.0 V ±10%
Item
Symbol
Min
Max
Min
Max
Unit
Test Conditions
Propagation delay time
t
PLH
3.0
6.0
3.0
7.0
ns
An to Bn
t
PHL
3.0
6.0
3.0
7.0
t
PLH
3.0
6.0
3.0
7.0
ns
Bn to An
t
PHL
3.0
6.0
3.0
7.0
Output enable time
t
ZH
3.0
9.0
3.0
11.0
ns
G to Bn
t
ZL
3.0
9.0
3.0
11.0
t
ZH
3.0
9.0
3.0
11.0
ns
G to An
t
ZL
3.0
9.0
3.0
11.0
Output disable time
t
HZ
3.0
8.0
3.0
10.0
ns
G to Bn
t
LZ
3.0
8.0
3.0
10.0
t
HZ
3.0
8.0
3.0
10.0
ns
G to An
t
LZ
3.0
8.0
3.0
10.0
Input capacitanse
C
IN
3.0(Typ)
—
pF
V
IN = VCC or GND
Input/output capacitance
C
I/O
15.0(Typ)
—
pF
V
I/O = VCC or GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com