Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74BC640AFPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74BC640AFPEL
Description  Octal Bus Transceivers With 3 State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74BC640AFPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74BC640AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74BC640AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74BC640AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74BC640AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74BC640AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74BC640AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74BC640AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74BC640AFPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74BC640A
Rev.2.00, Jul.16.2004, page 4 of 7
Switching Characteristics (C
L = 50 pF)
Ta = 25°C
V
CC = 5.0 V
Ta = –40 to +85°C
V
CC = 5.0 V ±10%
Item
Symbol
Min
Max
Min
Max
Unit
Test Conditions
Propagation delay time
t
PLH
3.0
6.0
3.0
7.0
ns
An to Bn
t
PHL
3.0
6.0
3.0
7.0
t
PLH
3.0
6.0
3.0
7.0
ns
Bn to An
t
PHL
3.0
6.0
3.0
7.0
Output enable time
t
ZH
3.0
9.0
3.0
11.0
ns
G to Bn
t
ZL
3.0
9.0
3.0
11.0
t
ZH
3.0
9.0
3.0
11.0
ns
G to An
t
ZL
3.0
9.0
3.0
11.0
Output disable time
t
HZ
3.0
8.0
3.0
10.0
ns
G to Bn
t
LZ
3.0
8.0
3.0
10.0
t
HZ
3.0
8.0
3.0
10.0
ns
G to An
t
LZ
3.0
8.0
3.0
10.0
Input capacitance
C
IN
3.0 (Typ)
—
pF
V
IN = VCC or GND
Output capacitance
C
I/O
15.0 (Typ)
—
pF
V
I/O = VCC or GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com