Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306H2FCFP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M306H2FCFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306H2FCFP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M306H2FCFP Datasheet HTML 13Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 14Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 15Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 16Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 17Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 18Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 19Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 20Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 251 page
background image
16
Rev. 1.0
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
with DATA ACQUISITION CONTROLLER
MITSUBISHI MICROCOMPUTERS
M306H2FCFP
RESET
VCC
0.95V
RESET
VCC
0V
0V
5V
5V
4.75V
Figure 2.3.1 Example reset circuit
2.3 Reset
There are two kinds of resets; hardware and software. In both cases, operation is the same after the reset.
(See “Software Reset” for details of software resets.) This section explains on hardware resets.
When the supply voltage is in the range where operation is guaranteed, a reset is effected by holding the
reset pin level “L” (0.2VCC max.) for at least 20 cycles. When the reset pin level is then returned to the “H”
level while main clock is stable, the reset status is cancelled and program execution resumes from the
address in the reset vector table.
Figure 2.3.1 shows the example reset circuit. Figure 2.3.2 shows the reset sequence.
Figure 2.3.2 Reset sequence
BCLK
XIN
RESET
More than 20 cycles are needed
BCLK 24 cycles
Single chip
mode
Address
Address
FFFFC16
Address FFFFE16
Content of reset vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com