Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3825 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 3825
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3825 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 3825 Datasheet HTML 17Page - Renesas Technology Corp 3825 Datasheet HTML 18Page - Renesas Technology Corp 3825 Datasheet HTML 19Page - Renesas Technology Corp 3825 Datasheet HTML 20Page - Renesas Technology Corp 3825 Datasheet HTML 21Page - Renesas Technology Corp 3825 Datasheet HTML 22Page - Renesas Technology Corp 3825 Datasheet HTML 23Page - Renesas Technology Corp 3825 Datasheet HTML 24Page - Renesas Technology Corp 3825 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3825 Group
20
Fig. 15 Port block diagram (2)
(9) Ports P55, P57
Data bus
Pull-up control
CNTR1 interrupt input
A-D trigger interrupt input
Direction
register
Port latch
(10) Port P6
Data bus
Pull-up control
Direction
register
Port latch
A-D conversion input
Analog input pin selection bit
(13) Port P80
Data bus
Port Xc switch bit + Pull-up control
Port XC switch bit
Oscillation circuit
Port P81
Port XC switch bit
Direction
register
Port latch
(15) COM0–COM3
VL3
VL2
VL1
The gate input signal of each
transistor is controlled by the
LCD duty ratio and the bias
value.
VSS
(16) SEG0–SEG17
The voltage applied to the sources of
P-channel and N-channel transistors
is the controlled voltage by the bias
value.
VL2/VL3
VL1/VSS
Pulse output mode
CNTR0 interrupt input
Timer output
Direction
register
Port latch
Data bus
P54 only
(11) Port P70
(12) Ports P71–P77
Data bus
Direction
register
Port latch
(14) Port P81
Data bus
Port XC switch bit
Sub-clock generating circuit input
Direction
register
Port latch
Pull-up control
Data bus
Pull-up control
(8) Ports P54, P56
Port Xc switch bit + Pull-up control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com