Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4280 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 4280
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4280 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 4280 Datasheet HTML 17Page - Renesas Technology Corp 4280 Datasheet HTML 18Page - Renesas Technology Corp 4280 Datasheet HTML 19Page - Renesas Technology Corp 4280 Datasheet HTML 20Page - Renesas Technology Corp 4280 Datasheet HTML 21Page - Renesas Technology Corp 4280 Datasheet HTML 22Page - Renesas Technology Corp 4280 Datasheet HTML 23Page - Renesas Technology Corp 4280 Datasheet HTML 24Page - Renesas Technology Corp 4280 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
20
MITSUBISHI MICROCOMPUTERS
4280 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
Fig. 24 Clock control circuit structure
Clock signal f(XIN) is obtained by externally connecting a ceramic
resonator. Connect this external circuit to pins XIN and XOUT at
the shortest distance as shown Figure 26.
A feedback resistor is built-in between XIN pin and XOUT pin.
ROM ORDERING METHOD
Please submit the information described below when ordering
Mask ROM.
(1) Mask ROM Order Confirmation Form................................. 1
(2) Data to be written into mask ROM .......................... EPROM
(three sets containing the identical data)
(3) Mark Specification Form .................................................... 1
Fig. 25 Ceramic resonator external circuit
CLOCK CONTROL
The clock control circuit consists of the following circuits.
• System clock generating circuit
• Control circuit to stop the clock oscillation
• Control circuit to return from the RAM back-up state
OSC
R
S
Q
POF instruction
XIN
XOUT
CCK instruction
STCK
INSTCK
Frequency
divider
(divided by 8)
Multi-
plexer
Internal clock
generating circuit
(divided by 4)
Internal power-on reset circuit
Pull-down control
register PU0
Port D7
Ports E0, E1
Ports E2, G0–G3
4280
XIN
XOUT
CIN
COUT
45
Use the resonator
manufacturer’s
recommended value
because constants
such as capacitance
depend on the
resonator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com