Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4502 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 4502
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 42Page - Renesas Technology Corp 4502 Datasheet HTML 43Page - Renesas Technology Corp 4502 Datasheet HTML 44Page - Renesas Technology Corp 4502 Datasheet HTML 45Page - Renesas Technology Corp 4502 Datasheet HTML 46Page - Renesas Technology Corp 4502 Datasheet HTML 47Page - Renesas Technology Corp 4502 Datasheet HTML 48Page - Renesas Technology Corp 4502 Datasheet HTML 49Page - Renesas Technology Corp 4502 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 116 page
background image
Rev.3.01
2005.02.02
page 46 of 112
REJ03B0105-0301
4502 Group
Fig. 43 Switch to ceramic resonance/RC oscillation
Fig. 44 Handling of XIN and XOUT when operating on-chip oscillator
Fig. 45 Ceramic resonator external circuit
Fig. 46 External RC oscillation circuit
Execute the CMCK instruc-
tion in program.
Note: Externally connect a damping
resistor Rd depending on the
oscillation frequency.
(A feedback resistor is built-in.)
Use the resonator manu-
facturer’s recommended value
because constants such as ca-
pacitance depend on the
resonator.
(1) Selection of source oscillation (f(XIN))
The ceramic resonator or RC oscillation can be used for the source
oscillation of the MCU.
After system is released from reset, the MCU starts operation by
the clock output from the on-chip oscillator which is the internal os-
cillator.
When the ceramic resonator is used, execute the CMCK instruc-
tion. When the RC oscillation is used, execute the CRCK
instruction. The oscillation circuit by the CMCK or CRCK instruction
can be selected only at once. The oscillation circuit corresponding
to the first executed one of these two instructions is valid. Other os-
cillation circuit and the on-chip oscillator stop.
Execute the CMCK or the CRCK instruction in the initial setting rou-
tine of program (executing it in address 0 in page 0 is
recommended). Also, when the CMCK or the CRCK instruction is
not executed in program, the MCU operates by the on-chip oscilla-
tor.
(2) On-chip oscillator operation
When the MCU operates by the on-chip oscillator as the source os-
cillation (f(XIN)) without using the ceramic resonator or the RC
oscillator, connect XIN pin to VSS and leave XOUT pin open (Figure
44).
The clock frequency of the on-chip oscillator depends on the supply
voltage and the operation temperature range.
Be careful that variable frequencies when designing application
products.
(3) Ceramic resonator
When the ceramic resonator is used as the source oscillation
(f(XIN)), connect the ceramic resonator and the external circuit to
pins XIN and XOUT at the shortest distance. Then, execute the
CMCK instruction. A feedback resistor is built in between pins XIN
and XOUT (Figure 45).
(4) RC oscillation
When the RC oscillation is used as the source oscillation (f(XIN)),
connect the XIN pin to the external circuit of resistor R and the ca-
pacitor C at the shortest distance and leave XOUT pin open. Then,
execute the CRCK instruction (Figure 46).
The frequency is affected by a capacitor, a resistor and a micro-
computer. So, set the constants within the range of the frequency
limits.
*
4502
XIN
XOUT
R
C
*
Execute the CRCK
instruction in program.
4502
XIN
XOUT
Rd
CIN
COUT
4502
XIN
XOUT
*
Do not use the CMCK instruction
and CRCK instruction in program.
Reset
On-chip oscillator
operation
CMCK instruction
CRCK instruction
• Ceramic resonator valid
• On-chip oscillator stop
• RC oscillation stop
• RC oscillation valid
• On-chip oscillator stop
• Ceramic resonator stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com