Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4507 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 4507
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4507 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 4507 Datasheet HTML 35Page - Renesas Technology Corp 4507 Datasheet HTML 36Page - Renesas Technology Corp 4507 Datasheet HTML 37Page - Renesas Technology Corp 4507 Datasheet HTML 38Page - Renesas Technology Corp 4507 Datasheet HTML 39Page - Renesas Technology Corp 4507 Datasheet HTML 40Page - Renesas Technology Corp 4507 Datasheet HTML 41Page - Renesas Technology Corp 4507 Datasheet HTML 42Page - Renesas Technology Corp 4507 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 115 page
background image
4507 Group
Rev.3.01
2005.02.04
page 39 of 111
REJ03B0107-0301
RAM BACK-UP MODE
The 4507 Group has the RAM back-up mode.
When the POF2 instruction is executed continuously after the
EPOF instruction, system enters the RAM back-up state.
The POF2 instruction is equal to the NOP instruction when the
EPOF instruction is not executed before the POF2 instruction.
As oscillation stops retaining RAM, the function of reset circuit and
states at RAM back-up mode, current dissipation can be reduced
without losing the contents of RAM.
Table 15 shows the function and states retained at RAM back-up.
Figure 37 shows the state transition.
(1) Identification of the start condition
Warm start (return from the RAM back-up state) or cold start (re-
turn from the normal reset state) can be identified by examining the
state of the power down flag (P) with the SNZP instruction.
(2) Warm start condition
When the external wakeup signal is input after the system enters
the RAM back-up state by executing the EPOF instruction and
POF2 instruction continuously, the CPU starts executing the pro-
gram from address 0 in page 0. In this case, the P flag is “1.”
(3) Cold start condition
The CPU starts executing the program from address 0 in page 0
when;
• reset pulse is input to RESET pin, or
• reset by watchdog timer is performed, or
In this case, the P flag is “0.”
Table 15 Functions and states retained at RAM back-up
Function
Program counter (PC), registers A, B,
carry flag (CY), stack pointer (SP) (Note 2)
Contents of RAM
Port level
Selected oscillation circuit
Timer control register W1
Timer control registers W2, W6
Clock control register MR
Interrupt control registers V1, V2
Interrupt control register I1
Timer 1 function
Timer 2 function
A/D conversion function
A/D control register Q1
Pull-up control registers PU0 to PU2
Key-on wakeup control registers K0 to K2
External 0 interrupt request flag (EXF0)
Timer 1 interrupt request flag (T1F)
Timer 2 interrupt request flag (T2F)
Watchdog timer flags (WDF1)
Watchdog timer enable flag (WEF)
16-bit timer (WDT)
A/D conversion completion flag (ADF)
Interrupt enable flag (INTE)
RAM back-up
✕
O
(Note 5)
O
✕
O
✕
✕
O
✕
(Note 3)
✕
O
O
O
✕
✕
(Note 3)
✕ (Note 4)
✕
✕ (Note 4)
✕
✕
Notes 1:“O” represents that the function can be retained, and “✕” repre-
sents that the function is initialized.
Registers and flags other than the above are undefined at RAM
back-up, and set an initial value after returning.
2: The stack pointer (SP) points the level of the stack register and is
initialized to “7” at RAM back-up.
3: The state of the timer is undefined.
4: Initialize the watchdog timer flag WDF1 with the WRST instruction,
and then execute the POF2 instruction.
5: As for the D2/C pin, the output latch of port C is set to “1” at the
RAM back-up. However, the output latch of port D2 is retained.
As for the other ports, their output levels are retained at the RAM
back-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com