Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4524 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 4524
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4524 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 4524 Datasheet HTML 60Page - Renesas Technology Corp 4524 Datasheet HTML 61Page - Renesas Technology Corp 4524 Datasheet HTML 62Page - Renesas Technology Corp 4524 Datasheet HTML 63Page - Renesas Technology Corp 4524 Datasheet HTML 64Page - Renesas Technology Corp 4524 Datasheet HTML 65Page - Renesas Technology Corp 4524 Datasheet HTML 66Page - Renesas Technology Corp 4524 Datasheet HTML 67Page - Renesas Technology Corp 4524 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 161 page
background image
Rev.2.00
Jul 27, 2004
page 64 of 159
REJ03B0091-0200Z
4524 Group
• Program counter (PC) ..........................................................................................................
Address 0 in page 0 is set to program counter.
• Interrupt enable flag (INTE) ..................................................................................................
• Power down flag (P) .............................................................................................................
• External 0 interrupt request flag (EXF0) ..............................................................................
• External 1 interrupt request flag (EXF1) ..............................................................................
• Interrupt control register V1 ..................................................................................................
• Interrupt control register V2 ..................................................................................................
• Interrupt control register I1 ...................................................................................................
• Interrupt control register I2 ...................................................................................................
• Interrupt control register I3 ...................................................................................................
• Timer 1 interrupt request flag (T1F) .....................................................................................
• Timer 2 interrupt request flag (T2F) .....................................................................................
• Timer 3 interrupt request flag (T3F) .....................................................................................
• Timer 4 interrupt request flag (T4F) .....................................................................................
• Timer 5 interrupt request flag (T5F) .....................................................................................
• Watchdog timer flags (WDF1, WDF2) ..................................................................................
• Watchdog timer enable flag (WEF) ......................................................................................
• Timer control register PA ......................................................................................................
• Timer control register W1 .....................................................................................................
• Timer control register W2 .....................................................................................................
• Timer control register W3 .....................................................................................................
• Timer control register W4 .....................................................................................................
• Timer control register W5 .....................................................................................................
• Timer control register W6 .....................................................................................................
• Clock control register MR .....................................................................................................
• Serial I/O transmit/receive complation flag (SIOF) ..............................................................
• Serial I/O mode register J1 ..................................................................................................
• Serial I/O register SI .............................................................................................................
• A/D conversion completion flag (ADF) .................................................................................
• A/D control register Q1 .........................................................................................................
• A/D control register Q2 .........................................................................................................
• A/D control register Q3 .........................................................................................................
• Successive approximation register AD ................................................................................
• Comparator register ..............................................................................................................
• LCD control register L1 ........................................................................................................
• LCD control register L2 ........................................................................................................
“✕” represents undefined.
Fig. 50 Internal state at reset
(2) Internal state at reset
Figure 50 and 51 show internal state at reset (they are the same af-
ter system is released from reset). The contents of timers, registers,
flags and RAM except shown in Figure 50 are undefined, so set the
initial value to them.
000
000
000
000
00
0
(Interrupt disabled)
0
0
0
0
0
0
0
(Interrupt disabled)
0
0
0
0
(Interrupt disabled)
0
000
0
000
0
0
0
0
0
0
0
1
0
(Prescaler stopped)
0
0
0
0
(Timer 1 stopped)
0
0
0
0
(Timer 2 stopped)
0
0
0
0
(Timer 3 stopped)
0
0
0
0
(Timer 4 stopped)
0
0
0
0
(Timer 5 stopped)
0
0
0
0
(Timer LC stopped)
1
100
0
0
0
0
0
(External clock selected,
serial I/O port not selected)
✕✕✕
✕✕✕
0
0
000
0
000
0
000
✕✕✕
✕✕✕
✕✕✕
✕✕✕
0
000
1
111
✕✕
✕
✕✕✕
✕✕



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com