Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4552 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 4552
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4552 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 4552 Datasheet HTML 17Page - Renesas Technology Corp 4552 Datasheet HTML 18Page - Renesas Technology Corp 4552 Datasheet HTML 19Page - Renesas Technology Corp 4552 Datasheet HTML 20Page - Renesas Technology Corp 4552 Datasheet HTML 21Page - Renesas Technology Corp 4552 Datasheet HTML 22Page - Renesas Technology Corp 4552 Datasheet HTML 23Page - Renesas Technology Corp 4552 Datasheet HTML 24Page - Renesas Technology Corp 4552 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 21 of 142
REJ03B0023-0302
4552 Group
INTERRUPT FUNCTION
The interrupt type is a vectored interrupt branching to an individual
address (interrupt address) according to each interrupt source. An
interrupt occurs when the following 3 conditions are satisfied.
• An interrupt activated condition is satisfied (request flag = “1”)
• Interrupt enable bit is enabled (“1”)
• Interrupt enable flag is enabled (INTE = “1”)
Table 3 shows interrupt sources. (Refer to each interrupt request
flag for details of activated conditions.)
(1) Interrupt enable flag (INTE)
The interrupt enable flag (INTE) controls whether the every inter-
rupt enable/disable. Interrupts are enabled when INTE flag is set to
“1” with the EI instruction and disabled when INTE flag is cleared to
“0” with the DI instruction. When any interrupt occurs, the INTE flag
is automatically cleared to “0,” so that other interrupts are disabled
until the EI instruction is executed.
(2) Interrupt enable bit
Use an interrupt enable bit of interrupt control registers V1 and V2
to select the corresponding interrupt or skip instruction.
Table 4 shows the interrupt request flag, interrupt enable bit and
skip instruction.
Table 5 shows the interrupt enable bit function.
(3) Interrupt request flag
When the activated condition for each interrupt is satisfied, the cor-
responding interrupt request flag is set to “1.” Each interrupt
request flag is cleared to “0” when either;
• an interrupt occurs, or
• the next instruction is skipped with a skip instruction.
Each interrupt request flag is set when the activated condition is
satisfied even if the interrupt is disabled by the INTE flag or its in-
terrupt enable bit. Once set, the interrupt request flag retains set
until a clear condition is satisfied.
Accordingly, an interrupt occurs when the interrupt disable state is
released while the interrupt request flag is set.
If more than one interrupt request flag is set when the interrupt dis-
able state is released, the interrupt priority level is as follows
shown in Table 3.
Table 3 Interrupt sources
Activated condition
Level change of INT
pin
Timer 1 underflow
Timer 2 underflow
Timer 3 underflow
Priority
level
1
2
3
4
Interrupt name
External 0 interrupt
Timer 1 interrupt
Timer 2 interrupt
Timer 3 interrupt
Request flag
EXF0
T1F
T2F
T3F
Interrupt name
External 0 interrupt
Timer 1 interrupt
Timer 2 interrupt
Timer 3 interrupt
Table 5 Interrupt enable bit function
Occurrence of interrupt
Enabled
Disabled
Skip instruction
Invalid
Valid
Interrupt enable bit
1
0
Interrupt
address
Address 0
in page 1
Address 4
in page 1
Address 6
in page 1
Address 8
in page 1
Table 4 Interrupt request flag, interrupt enable bit and skip in-
struction
Skip instruction
SNZ0
SNZT1
SNZT2
SNZT3
Enable bit
V10
V12
V13
V20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com