Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4570 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 4570
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4570 Datasheet(HTML) 2 Page - Renesas Technology Corp

  4570 Datasheet HTML 1Page - Renesas Technology Corp 4570 Datasheet HTML 2Page - Renesas Technology Corp 4570 Datasheet HTML 3Page - Renesas Technology Corp 4570 Datasheet HTML 4Page - Renesas Technology Corp 4570 Datasheet HTML 5Page - Renesas Technology Corp 4570 Datasheet HTML 6Page - Renesas Technology Corp 4570 Datasheet HTML 7Page - Renesas Technology Corp 4570 Datasheet HTML 8Page - Renesas Technology Corp 4570 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
DESCRIPTION
The 4570 Group is a 4-bit single-chip microcomputer designed
with CMOS technology. Its CPU is that of the 4500 series using
a simple, high-speed instruction set. The computer is equipped
with a carrier wave output circuit for remote control, an 8-bit timer
with a reload register, a 10-bit timer with a reload register, and
an 8-bit timer with two reload registers.
The various microcomputers in the 4570 Group include variations
of the built-in memory size. The mask ROM version and One
Time PROM version of 4570 Group are produced as shown in
the table below.
FEATURES
q Minimum instruction execution time
When f(XIN) is selected for system clock ....................... 1.5
µs
(f(XIN)=2.0 MHz, VDD=4.5 V to 5.5 V)
When f(XIN)/4 is selected for system clock ................. 2.86
µs
(f(XIN)=4.2 MHz, VDD=2.0 V to 5.5 V)
q Supply voltage
............................. 2.5 V to 5.5 V (One Time PROM version)
q System clock switch function
............................................................. f(XIN)/4 or not divided
q Timers
Timer 1... 10-bit timer with a reload register and carrier wave
output auto-control function
Timer 2 ................................ 8-bit timer with a reload register
Timer 3... 8-bit timer with two reload registers and carrier wave
generation function
q Interrupt ................................................................... 4 sources
q Power-on reset circuit
q Watchdog timer ............................................................ 16 bits
q Key-on wakeup function (Ports P0, P1, and P4, ON/OFF of
port P4 can be switched)
qPull-up transistor .............. (Ports P0, P1, and P4, ON/OFF of
port P4 can be switched)
q Voltage drop detection circuit
q Clock generating circuit (ceramic resonance)
APPLICATION
Remote control transmitter
Outline 36P2R-A
PIN CONFIGURATION (TOP VIEW)
M34570Mx-XXXFP
....................................... 2.0 V to 5.5 V (Mask ROM version)
Product
M34570M4-XXXFP
M34570M8-XXXFP
M34570MD-XXXFP
M34570E8FP
M34570EDFP *
*: Under development (Jan. 1999)
ROM type
Mask ROM
Mask ROM
Mask ROM
One Time PROM
One Time PROM
Package
36P2R-A
36P2R-A
36P2R-A
36P2R-A
36P2R-A
RAM size
(! 4 bits)
128 words
128 words
128 words
128 words
128 words
ROM (PROM) size
(! 10 bits)
4096 words
8192 words
16384 words
8192 words
16384 words
D1
P40
P41
P42
P43
CNVSS
P13
P12
P02
P10
1
2
3
4
6
7
8
9
10
11
12
14
15
16
RESET
VDD
XOUT
XIN
VSS
D0
P01
P00
P20
5
13
17
18
36
35
34
33
31
30
26
25
24
23
22
21
20
19
32
27
29
28
P11
P03
P21/INT
CARR
P32
P31
P30
VDCE
D3
D5
D4
D7
D6
D8
D9/TOUT
D2
P33
4570 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com