Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR3AMZ Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CR3AMZ
Description  LOW POWER, STROBE USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CR3AMZ Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CR3AMZ Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CR3AMZ Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CR3AMZ Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CR3AMZ Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈HIGH-SPEED SWITCHING THYRISTOR〉
CR3AMZ
LOW POWER, STROBE USE
NON-INSULATED TYPE, GLASS PASSIVATION TYPE
Symbol
IRRM
IDRM
VTM
VGT
VGD
IGT
Cc
Test conditions
Tj=25
°C, VRRM applied
Tj=25
°C, VDRM applied
Ta=25
°C, ITM=3A, Instantaneous value
Tj=25
°C, VD=6V, RL=6Ω
Tj=125
°C, VD=1/2VDRM
Tj=25
°C, VD=6V, RL=6Ω
CM=700
µF, VCM=350V, ITM=200A, L=25µH, Ta=25°C
Unit
mA
mA
V
V
V
mA
µF
Typ.
—
—
—
—
—
—
—
Parameter
Repetitive peak reverse current
Repetitive peak off-state current
On-state voltage
Gate trigger voltage
Gate non-trigger voltage
Gate trigger current
Commutating capacitor V2
Min.
—
—
—
—
0.1
—
—
Max.
0.1
0.1
2.0
1.5
—
30
2.2
Limits
ELECTRICAL CHARACTERISTICS
V2. Refer to section 3 on STROBE FLASHER APPLICATION shown in the last sheet for CR3JM.
CC
1k
0.047
µ
470
Ω
470
Ω
10k
Ω
L
IT
VCM
CM
CR3AMZ-8
10
Ω
0.1
µ
+
−
15k
Ω
CM = 700
µF
VCM = 350V
ITM = 200A
L = 25
µH
Ta = 25°C
CONDUCTION TIME : arbitarity
Fig 1. TEST CIRCUIT FOR COMMUTATING CAPACITOR
10
02
8
46
9
17
35
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
Ta = 25°C
10–1
23
100
57 101 23 5 7 102 23 5 7 103
101
7
5
3
2
100
7
5
3
2
7
5
3
2
10–2
VFGM = 6V
VGT = 1.5V
IGT = 30mA
(Tj = 25°C)
PGM = 0.5W
VGD = 0.1V
IFGM = 0.5A
PG(AV)
= 0.1W
MAXIMUM ON-STATE CHARACTERISTICS
ON-STATE VOLTAGE (V)
GATE CHARACTERISTICS
GATE CURRENT (mA)
PERFORMANCE CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com