Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7513 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 7513
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7513 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 7513 Datasheet HTML 15Page - Renesas Technology Corp 7513 Datasheet HTML 16Page - Renesas Technology Corp 7513 Datasheet HTML 17Page - Renesas Technology Corp 7513 Datasheet HTML 18Page - Renesas Technology Corp 7513 Datasheet HTML 19Page - Renesas Technology Corp 7513 Datasheet HTML 20Page - Renesas Technology Corp 7513 Datasheet HTML 21Page - Renesas Technology Corp 7513 Datasheet HTML 22Page - Renesas Technology Corp 7513 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
18
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7513 Group
Fig. 13 Port block diagram (2)
(8) Port P45
(9) Port P46
(10) Port P47
Data bus
Serial I/O1 enable bit
Transmission enable bit
Serial I/O1 output
P45/TxD P-channel output disable bit
Port latch
Direction register
Pull-up control
Serial I/O1 ready output
Data bus
Port latch
Serial I/O1 mode selection bit
Serial I/O1 enable bit
SRDY1 output enable bit
Direction register
Pull-up control
(11) Ports P52, P53
Data bus
Port latch
Real time control bit
Real time port data
Direction register
Pull-up control
Serial I/O1 clock
selection bit
Data bus
Serial I/O1 clock outupt
Serial I/O1 clock input
Serial I/O1 mode selection bit
Serial I/O1 enable bit
Port latch
Direction register
Serial I/O1 enable bit
Pull-up control
(7) Port P44
(6) Ports P16, P17, P2, P41, P42
Except P16, P17
Data bus
Direction register
Port latch
Pull-up control
Key input interrupt input
INT1, INT2 interrupt input
Serial I/O1 enable bit
Reception enable bit
Serial I/O1 input
Port latch
Pull-up control
Data bus
Direction register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com