Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5631 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC5631
Description  Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5631 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC5631 Datasheet HTML 1Page - Renesas Technology Corp 2SC5631 Datasheet HTML 2Page - Renesas Technology Corp 2SC5631 Datasheet HTML 3Page - Renesas Technology Corp 2SC5631 Datasheet HTML 4Page - Renesas Technology Corp 2SC5631 Datasheet HTML 5Page - Renesas Technology Corp 2SC5631 Datasheet HTML 6Page - Renesas Technology Corp 2SC5631 Datasheet HTML 7Page - Renesas Technology Corp 2SC5631 Datasheet HTML 8Page - Renesas Technology Corp 2SC5631 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SC5631
Rev.3.00, Oct.20.2003, page 2 of 9
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
15
V
Collector to emitter voltage
VCEO
6V
Emitter to base voltage
VEBO
1.5
V
Collector current
IC
80
mA
Collector power dissipation
Pc
800*
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
* When using alumina ceramic board (12.5 x 20 x 0.7 mm)
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector to base breakdown
voltage
V(BR)CBO
15
—
—
V
IC = 10
µA , IE = 0
Collector cutoff current
ICBO
——
1
µAVCB = 12 V , IE = 0
Collector cutoff current
ICEO
——
1
mA
VCE = 6 V , RBE =
∞
Emitter cutoff current
IEBO
——
10
µAVEB = 1.5 V , IC = 0
DC current transfer ratio
hFE
80
120
160
V
VCE = 5 V , IC = 50 mA
Collector output capacitance
Cob
—
1.6
2.2
pF
VCB = 5 V , IE = 0
f = 1 MHz
Gain bandwidth product
fT
811
—
GHz
VCE = 5 V , IC = 50 mA
f = 1 GHz
Power gain
PG
7
10
—
dB
VCE = 5 V , IC = 50 mA
f = 900 MHz
Noise figure
NF
—
1.2
1.9
dB
VCE = 5 V , IC = 5 mA
f = 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com