Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT60AM-18F Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CT60AM-18F
Description  Insulated Gate Bipolar Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CT60AM-18F Datasheet(HTML) 2 Page - Renesas Technology Corp

  CT60AM-18F Datasheet HTML 1Page - Renesas Technology Corp CT60AM-18F Datasheet HTML 2Page - Renesas Technology Corp CT60AM-18F Datasheet HTML 3Page - Renesas Technology Corp CT60AM-18F Datasheet HTML 4Page - Renesas Technology Corp CT60AM-18F Datasheet HTML 5Page - Renesas Technology Corp CT60AM-18F Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CT60AM-18F
Rev.2.00 Jul 07, 2006 page 2 of 5
Electrical Characteristics
(Tch = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Collector-emitter leakage current
ICES
—
—
1
mA
VCE = 900 V, VGE = 0 V
Gate-emitter leakage current
IGES
—
—
0.5
µA
VGE =
±20 V, VCE = 0 V
Gate-emitter threshold voltage
VGE (th)
2.0
4.0
6.0
V
VCE = 10 V, IC = 6 mA
Collector-emitter saturation voltage
VCE (sat)
—
2.1
2.7
V
IC = 60 A, VCE = 15 V
Input capacitance
Cies
—
4400
—
pF
Output capacitance
Coes
—
115
—
pF
Reverse transfer capacitance
Cres
—
75
—
pF
VCE = 25 V, VGE = 0 V,
f = 1 MHz
Turn-on delay time
td (on)
—
0.05
—
µs
Turn-on Rise time
tr
—
0.1
—
µs
Turn-off delay time
td (off)
—
0.2
—
µs
Turn-off Fall time
tf
—
0.3
—
µs
VCC = 300 V, IC = 60 A,
VGE = 15 V, RG = 10
Ω
Tail loss
Etail
—
0.6
1.0
mJ/pls
Tail current
Itail
—
6.0
12
A
ICP = 60 A, Tj = 125
°C,
dv/dt = 200 V/
µs
Emitter-collector voltage
VEC
—
2.2
3.0
V
IE = 60 A, VGE = 0 V
Diode reverse recovery time
trr
—
0.5
2.0
µs
IE = 60 A, diS/dt = –20 A/
µs
Thermal resistance (IGBT)
Rth (j-c)
—
—
0.69
°C/W
Junction to case
Thermal resistance (Diode)
Rth (j-c)
—
—
4.0
°C/W
Junction to case



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com