Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 7540
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 7Page - Renesas Technology Corp 7540 Datasheet HTML 8Page - Renesas Technology Corp 7540 Datasheet HTML 9Page - Renesas Technology Corp 7540 Datasheet HTML 10Page - Renesas Technology Corp 7540 Datasheet HTML 11Page - Renesas Technology Corp 7540 Datasheet HTML 12Page - Renesas Technology Corp 7540 Datasheet HTML 13Page - Renesas Technology Corp 7540 Datasheet HTML 14Page - Renesas Technology Corp 7540 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
7540 Group
Rev.4.00
Jun 21, 2004
page 11 of 82
REJ03B0011-0400Z
Execute JSR
On-going Routine
M (S)
(PCH)
(S)
(S – 1)
M (S)
(PCL)
Execute RTS
(PCL)
M (S)
(S)
(S – 1)
(S)
(S + 1)
(S)
(S + 1)
(PCH)
M (S)
Subroutine
Restore Return
Address
Store Return Address
on Stack
M (S)
(PS)
Execute RTI
(PS)
M (S)
(S)
(S – 1)
(S)
(S + 1)
Interrupt
Service Routine
Restore Contents of
Processor Status Register
M (S)
(PCH)
(S)
(S – 1)
M (S)
(PCL)
(S)
(S – 1)
(PCL)
M (S)
(S)
(S + 1)
(S)
(S + 1)
(PCH)
M (S)
Restore Return
Address
I Flag “0” to “1”
Fetch the Jump Vector
Store Return Address
on Stack
Store Contents of Processor
Status Register on Stack
Interrupt request
(Note)
Note : The condition to enable the interrupt
Interrupt enable bit is “1”
Interrupt disable flag is “0”
Table 3 Push and pop instructions of accumulator or processor status register
Accumulator
Processor status register
Push instruction to stack
PHA
PHP
Pop instruction from stack
PLA
PLP
Fig. 10 Register push and pop at interrupt generation and subroutine call



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com