Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37547G2FP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M37547G2FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37547G2FP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M37547G2FP Datasheet HTML 5Page - Renesas Technology Corp M37547G2FP Datasheet HTML 6Page - Renesas Technology Corp M37547G2FP Datasheet HTML 7Page - Renesas Technology Corp M37547G2FP Datasheet HTML 8Page - Renesas Technology Corp M37547G2FP Datasheet HTML 9Page - Renesas Technology Corp M37547G2FP Datasheet HTML 10Page - Renesas Technology Corp M37547G2FP Datasheet HTML 11Page - Renesas Technology Corp M37547G2FP Datasheet HTML 12Page - Renesas Technology Corp M37547G2FP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 9 of 89
REJ03B0156-0121
7547 Group
Processor status register (PS)
The processor status register is an 8-bit register consisting of
flags which indicate the status of the processor after an arithmetic
operation. Branch operations can be performed by testing the
Carry (C) flag, Zero (Z) flag, Overflow (V) flag, or the Negative (N)
flag. In decimal mode, the Z, V, N flags are not valid.
After reset, the Interrupt disable (I) flag is set to “1”, but all other
flags are undefined. Since the Index X mode (T) and Decimal
mode (D) flags directly affect arithmetic operations, they should
be initialized in the beginning of a program.
(1) Carry flag (C)
The C flag contains a carry or borrow generated by the arithmetic
logic unit (ALU) immediately after an arithmetic operation. It can
also be changed by a shift or rotate instruction.
(2) Zero flag (Z)
The Z flag is set if the result of an immediate arithmetic operation
or a data transfer is “0”, and cleared if the result is anything other
than “0”.
(3) Interrupt disable flag (I)
The I flag disables all interrupts except for the interrupt generated
by the BRK instruction. Interrupts are disabled when the I flag is
“1”.
When an interrupt occurs, this flag is automatically set to “1” to
prevent other interrupts from interfering until the current interrupt
is serviced.
(4) Decimal mode flag (D)
The D flag determines whether additions and subtractions are ex-
ecuted in binary or decimal. Binary arithmetic is executed when
this flag is “0”; decimal arithmetic is executed when it is “1”.
Decimal correction is automatic in decimal mode. Only the ADC
and SBC instructions can be used for decimal arithmetic.
(5) Break flag (B)
The B flag is used to indicate that the current interrupt was gener-
ated by the BRK instruction. The BRK flag in the processor status
register is always “0”. When the BRK instruction is used to gener-
ate an interrupt, the processor status register is pushed onto the
stack with the break flag set to “1”. The saved processor status is
the only place where the break flag is ever set.
(6) Index X mode flag (T)
When the T flag is “0”, arithmetic operations are performed be-
tween accumulator and memory, e.g. the results of an operation
between two memory locations is stored in the accumulator. When
the T flag is “1”, direct arithmetic operations and direct data trans-
fers are enabled between memory locations, i.e. between memory
and memory, memory and I/O, and I/O and I/O. In this case, the
result of an arithmetic operation performed on data in memory lo-
cation 1 and memory location 2 is stored in memory location 1.
The address of memory location 1 is specified by index register X,
and the address of memory location 2 is specified by normal ad-
dressing modes.
(7) Overflow flag (V)
The V flag is used during the addition or subtraction of one byte
of signed data. It is set if the result exceeds +127 to -128. When
the BIT instruction is executed, bit 6 of the memory location oper-
ated on by the BIT instruction is stored in the overflow flag.
(8) Negative flag (N)
The N flag is set if the result of an arithmetic operation or data
transfer is negative. When the BIT instruction is executed, bit 7 of
the memory location operated on by the BIT instruction is stored in
the negative flag.
Table 5 Set and clear instructions of each bit of processor status register
Set instruction
Clear instruction
C flag
SEC
CLC
Z flag
–
–
I flag
SEI
CLI
D flag
SED
CLD
B flag
–
–
T flag
SET
CLT
V flag
–
CLV
N flag
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com