Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37546G2GP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M37546G2GP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37546G2GP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M37546G2GP Datasheet HTML 69Page - Renesas Technology Corp M37546G2GP Datasheet HTML 70Page - Renesas Technology Corp M37546G2GP Datasheet HTML 71Page - Renesas Technology Corp M37546G2GP Datasheet HTML 72Page - Renesas Technology Corp M37546G2GP Datasheet HTML 73Page - Renesas Technology Corp M37546G2GP Datasheet HTML 74Page - Renesas Technology Corp M37546G2GP Datasheet HTML 75Page - Renesas Technology Corp M37546G2GP Datasheet HTML 76Page - Renesas Technology Corp M37546G2GP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 95 page
background image
Rev.1.21
Nov 15, 2006
page 73 of 93
REJ03B0160-0121
7546 Group
Recommended operating conditions (2)
(VCC = 1.8 to 5.5V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
“H” peak output current (Note 1)
P00–P07, P10–P14, P20–P25, P30–P34, P37
“L” peak output current (Note 1)
P00–P07, P30–P34, P37 (Drive capacity = “L”)
P10–P14, P20–P25
“L” peak output current (Note 1)
P00–P07, P30–P34, P37 (Drive capacity = “H”)
“H” average output current (Note 2)
P00–P07, P10–P14, P20–P25, P30–P34, P37
“L” average output current (Note 2)
P00–P07, P30–P34, P37 (Drive capacity = “L”)
P10–P14, P20–P25
“L” average output current (Note 2)
P00–P07, P30–P34, P37 (Drive capacity = “H”)
Oscillation frequency (Note 3)
at ceramic oscillation or external clock input
(VCC = 4.5 V to 5.5 V) Double-speed mode
Oscillation frequency (Note 3)
at ceramic oscillation or external clock input
(VCC = 4.0 V to 5.5 V) Double-speed mode
Oscillation frequency (Note 3)
at ceramic oscillation or external clock input
(VCC = 2.4 V to 5.5 V) Double-speed mode
Oscillation frequency (Note 3)
at ceramic oscillation or external clock input
(VCC = 2.2 V to 5.5 V) Double-speed mode
Oscillation frequency (Note 3)
at ceramic oscillation or external clock input
(VCC = 4.0 V to 5.5 V) High-, Middle-speed mode
Oscillation frequency (Note 3)
at ceramic oscillation or external clock input
(VCC = 2.4 V to 5.5 V) High-, Middle-speed mode
Oscillation frequency (Note 3)
at ceramic oscillation or external clock input
(VCC = 2.2 V to 5.5 V) High-, Middle-speed mode
Oscillation frequency (Note 3)
at RC oscillation
(VCC = 4.0 V to 5.5 V) High-, Middle-speed mode
Oscillation frequency (Note 3)
at RC oscillation
(VCC = 2.4 V to 5.5 V) High-, Middle-speed mode
Oscillation frequency (Note 3)
at RC oscillation
(VCC = 2.2 V to 5.5 V) High-, Middle-speed mode
Symbol
Parameter
Notes 1: The peak output current is the peak current flowing in each port.
2: The average output current IOL (avg), IOH (avg) in an average value measured over 100 ms.
3: When the oscillation frequency has a duty cycle of 50 %.
IOH(peak)
IOL(peak)
IOL(peak)
IOH(avg)
IOL(avg)
IOL(avg)
f(XIN)
mA
mA
mA
mA
mA
mA
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
Unit
Limits
Max.
Typ.
Min.
–10
10
30
–5
5
15
8
6.5
2
1
8
4
2
4
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com