| Electronic Components Datasheet Search |
|
M37542F8GP Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37542F8GP Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 122 page ![]() 7542 Group Rev.3.03 Jul 11, 2008 Page 21 of 117 REJ03B0006-0303 Fig. 20 Block diagram of ports (1) (1) Port P00 Direction register Data bus Port latch Pull-up control To key input interrupt generating circuit Capture 0 input P00 key-on wakeup selection bit Drive capacity control Capture 0 input control (2) Ports P01, P02 Compare output Direction register Data bus Port latch Pull-up control To key input interrupt generating circuit Compare output control Drive capacity control (3) Port P03 Timer output Direction register Data bus Port latch Pull-up control To key input interrupt generating circuit P03/TXOUT output valid Drive capacity control (4) Port P04 Serial I/O2 input Direction register Data bus Port latch Pull-up control To key input interrupt generating circuit Serial I/O2 enable bit Drive capacity control P04 key-on wakeup selection bit Receive enable bit (5) Port P05 Serial I/O2 output Direction register Data bus Port latch Pull-up control To key input interrupt generating circuit Serial I/O2 enable bit Drive capacity control Transmit enable bit (6) Port P06 Serial I/O2 clock output Direction register Data bus Port latch Pull-up control To key input interrupt generating circuit Serial I/O2 mode selection bit Drive capacity control Serial I/O2 enable bit Serial I/O2 synchronous clock selection bit Serial I/O2 clock input P06 key-on wakeup selection bit Serial I/O2 enable bit (7) Port P07 Serial I/O2 ready output Direction register Data bus Port latch Pull-up control To key input interrupt generating circuit Serial I/O2 mode selection bit Serial I/O2 enable bit SRDY2 output enable bit Drive capacity control |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |