Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37545GCKP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M37545GCKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37545GCKP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M37545GCKP Datasheet HTML 9Page - Renesas Technology Corp M37545GCKP Datasheet HTML 10Page - Renesas Technology Corp M37545GCKP Datasheet HTML 11Page - Renesas Technology Corp M37545GCKP Datasheet HTML 12Page - Renesas Technology Corp M37545GCKP Datasheet HTML 13Page - Renesas Technology Corp M37545GCKP Datasheet HTML 14Page - Renesas Technology Corp M37545GCKP Datasheet HTML 15Page - Renesas Technology Corp M37545GCKP Datasheet HTML 16Page - Renesas Technology Corp M37545GCKP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 13 of 59
REJ03B0140-0106
7545 Group
MEMORY
Special Function Register (SFR) Area
The SFR area in the zero page contains control registers such as
I/O ports and timers.
RAM
RAM is used for data storage and for a stack area of subroutine
calls and interrupts. RAM consists of RAM1 and RAM2. The
power source for RAM1 is supplied from VCC pin. The power
source for RAM2 is supplied from VDDR pin.
Note: When the VDDR pin is used, connect an approximately 0.1
µF bypass capacitor across the VSS line and the VDDR line.
When not used, connect it to VSS.
ROM
The first 128 bytes and the last 2 bytes of ROM are reserved for
device testing and the rest is a user area for storing programs.
Interrupt Vector Area
The interrupt vector area contains reset and interrupt vectors.
Zero Page
The 256 bytes from addresses 000016 to 00FF16 are called the
zero page area. The internal RAM and the special function
registers(SFR) are allocated to this area.
The zero page addressing mode can be used to specify memory
and register addresses in the zero page area. Access to this area
with only 2 bytes is possible in the zero page addressing mode.
Special Page
The 256 bytes from addresses FF0016 to FFFF16 are called the
special page area. The special page addressing mode can be used
to specify memory addresses in the special page area. Access to
this area with only 2 bytes is possible in the special page
addressing mode.
Function Set ROM Area
[Renesas shipment test area]
Figure 10 shows the Assignment of Function set ROM area.
The random data are set to the Renesas shipment test areas
(addresses FFD416 to address FFD916).
Do not rewrite the data of these areas.
When the checksum is included in the user program, avoid
assigning it to these areas.
[Function set ROM data] FSROM
Function set ROM data (address FFDA16) is used to set modes of
peripheral functions. By setting this area, the operation mode of
each peripheral function are set after system is released from
reset.
Refer to the descriptions of peripheral functions for the details of
operation of peripheral functions.
• Watchdog timer
• Low voltage detection circuit
This mode setting of peripheral functions cannot be changed by
program after system is released from reset.
ROM Code Protect Address (address FFDB16)
Address FFDB16, which is the reserved ROM area of QzROM, is
the ROM code protect address. “0016” is written into this address
when selecting the protect bit write by using a serial programmer
or selecting protect enabled for writing shipment by Renesas
Technology corp.. When “0016” is set to the ROM code protect
address, the protect function is enabled, so that reading or writing
from/to QzROM is disabled by a serial programmer.
As for the QzROM product in blank, the ROM code is protected
by selecting the protect bit write at ROM writing with a serial
programmer.
As for the QzROM product shipped after writing, “0016” (protect
enabled) or “FF16” (protect disabled) is written into the ROM
code protect address when Renesas Technology corp. performs
writing.
The writing of “0016” or “FF16” can be selected as the ROM
option setup (referred to as “Mask option setup” in MM) when
ordering.
<Notes>
1. Because the contents of RAM are indefinite at reset, set ini-
tial values before using.
2. Do not access to the reserved area.
3. Random data is written into the Renesas shipment test area
and the reserved ROM area. Do not rewrite the data in these
areas. Data of these area may be changed without notice.
Accordingly, do not include these areas into programs such
as checksum of all ROM areas.
4. The QzROM values in function set ROM data set the oper-
ating modes of the various peripheral functions after an
MCU reset is released. Do not fail to set the value for the
selected function. Bits designated with a fixed value of 1 or
0 must be set to the designated value.
5. Emulator MCU: As for M37545RLSS, set “010000XX2” to
Function set ROM data (address FFDA16). Also, set “FF16”
to ROM code protect (address FFDB16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com