Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37545GFGP Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # M37545GFGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37545GFGP Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button M37545GFGP Datasheet HTML 54Page - Renesas Technology Corp M37545GFGP Datasheet HTML 55Page - Renesas Technology Corp M37545GFGP Datasheet HTML 56Page - Renesas Technology Corp M37545GFGP Datasheet HTML 57Page - Renesas Technology Corp M37545GFGP Datasheet HTML 58Page - Renesas Technology Corp M37545GFGP Datasheet HTML 59Page - Renesas Technology Corp M37545GFGP Datasheet HTML 60Page - Renesas Technology Corp M37545GFGP Datasheet HTML 61Page - Renesas Technology Corp M37545GFGP Datasheet HTML 62Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 58 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 58 of 59
REJ03B0140-0106
7545 Group
Notes on Timers
1. When n (0 to 255) is written to a timer latch, the frequency
division ratio is 1/(n+1).
2. Timer count source
Stop timer 2, timer 3 counting to change its count source.
3. Timer 1, timer 2, timer 3 count start timing and count time
when operation starts
Time to first underflow is different from time among next
underflow by the timing to start the timer and count source
operations after count starts.
4. Timer 2, timer 3, carrier wave generating circuit
The timing adjustment of the output waveform causes the
gap between the timer count value and the output
waveform, and the output waveform changes in the reload
cycle after the timer underflow.
Moreover, the timer interrupt occurs at the change point of
the output waveform.
(The timing of the interrupt occurrence is behind a half
cycle of the count source, compared with timer 1. )
Notes on Watchdog Timer
1. The watchdog timer is operating during the wait mode.
Write data to the watchdog timer control register to prevent
timer underflow.
2. The watchdog timer stops during the stop mode. However,
the watchdog timer is running during the oscillation stabi-
lizing time after the STP instruction is released. In order to
avoid the underflow of the watchdog timer, the watchdog
timer H count source selection bit (bit 7 of watchdog timer
control register (address 3916)) must be set to “0” just
before executing the STP instruction.
Notes on RESET Pin
(1) Connecting capacitor
In case where the RESET signal rise time is long, connect a
ceramic capacitor or others across the RESET pin and the Vss
pin.
And use a 1000 pF or more capacitor for high frequency use.
When connecting the capacitor, note the following :
• Make the length of the wiring which is connected to a
capacitor as short as possible.
• Be sure to verify the operation of application products on the
user side.
<Reason>
If the several nanosecond or several ten nanosecond impulse
noise enters the RESET pin, it may cause a microcomputer
failure.
Notes on Power-on Reset Circuit
Reset occurs by the power-on reset circuit under the following
conditions;
• when the power source voltage rises from 0 V to 1.8 V within
1 ms.
Also, note that reset may not occur under the following
conditions;
• when the power source voltage rises from the voltage higher
than 0 V.
• when it takes longer than 1 ms that the power source voltage
rises from 0 V to 1.8 V.
Note on Voltage Drop Detection Circuit
The voltage drop detection circuit detection voltage of this
product is set up lower than the minimum value of the supply
voltage of the recommended operating conditions.
When the supply voltage of a microcomputer falls below to the
minimum value of recommended operating conditions and
regoes up (ex. battery exchange of an application product),
depending on the capacity value of the bypass capacitor added to
the power supply pin, the following case may cause program
failure ;
supply voltage does not fall below to VDET, and its voltage re-
goes up with no reset.
In such a case, please design a system which supply voltage is
once reduced below to VDET and re-goes up after that.
Fig 6.
VCC and VDET
Notes on Clock Generating Circuit
(1) CPU mode register
Processor mode bits (bits 1 and 0) of CPU mode register (address
3B16) is used to control operation modes of the microcomputer.
In order to prevent the dead-lock by erroneously writing (ex.
program run-away), these bits can be rewritten only once after
releasing reset.
After rewriting, it is disabled to write any data to the bit. (The
emulator MCU “M37545RLSS” is excluded.)
Also, when the read-modify-write instructions (SEB, CLB, etc.)
are executed to bits 2, 6, 7, bits 1 and 0 are locked.
(2) Ceramic resonator
When the ceramic resonator/quartz-crystal oscillation is used for
the main clock, connect the ceramic resonator and the external
circuit to pins XIN and XOUT at the shortest distance. A feedback
resistor is built-in.
Vcc
VDET
Reset
Normal operation
No reset
Program failure may occur.
Recommended
operating condition
min. value
Vcc
VDET
Recommended
operating condition
min. value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com