Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU2071B1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STU2071B1
Description  4B3T U INTERFACE CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU2071B1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STU2071B1 Datasheet HTML 8Page - STMicroelectronics STU2071B1 Datasheet HTML 9Page - STMicroelectronics STU2071B1 Datasheet HTML 10Page - STMicroelectronics STU2071B1 Datasheet HTML 11Page - STMicroelectronics STU2071B1 Datasheet HTML 12Page - STMicroelectronics STU2071B1 Datasheet HTML 13Page - STMicroelectronics STU2071B1 Datasheet HTML 14Page - STMicroelectronics STU2071B1 Datasheet HTML 15Page - STMicroelectronics STU2071B1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ELECTRICAL CHARACTERISTICS
Supply Voltages:
DVDD = 5V +/- 5%
AVDD = 5V +/- 5%
AGND = 2.5V +/- 5% (max curr 0.25mA)
Power consumption
Active = max 280mW (line loaded at 150Ohm)
Power down = Typ. 30mW
= Max. 50mW
DIGITAL INTERFACE STATIC CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIH
High Level Input Voltage
3.5
V
VIL
Low Level Input Voltage
1.0
V
VOH1
High Level Output Voltage all
outputs except DOUT
IOH1 = 0.4mA
VDD-
0.66
V
VOH2
High Level Output Voltage
DOUT, (Open Drain)
R to DVDD
R = 1K
Ω
4V
VOL1
Low Level Output Voltage all
outputs except DOUT
IOL1 = 0.4mA
0.33
V
VOL2
Low Level Output Voltage
DOUT, (Open Drain)
IOL1 = 0.7mA
0.4
V
CIN
Inputs Capacitance, all inputs
at DOUT if output is off
10
10
pF
pF
COUT
Load Capacitance at all outputs
except at DOUT
25
pF
COUT
Load Capacitance at DOUT
150
pF
IIN
Input Leakage Current
1
µA
STU2071
12/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com