Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC147 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC147
Description  10-to-4-line Priority Encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC147 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC147 Datasheet HTML 1Page - Renesas Technology Corp HD74HC147 Datasheet HTML 2Page - Renesas Technology Corp HD74HC147 Datasheet HTML 3Page - Renesas Technology Corp HD74HC147 Datasheet HTML 4Page - Renesas Technology Corp HD74HC147 Datasheet HTML 5Page - Renesas Technology Corp HD74HC147 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00, Oct 11, 2005 page 1 of 5
HD74HC147
10-to-4-line Priority Encoder
REJ03D0572-0200
(Previous ADE-205-446)
Rev.2.00
Oct 11, 2005
Description
The HD74HC147 features priority encoding of the inputs to ensure that only the highest order data line is encoded.
Nine input lines are encoded to a four line BCD output. The implied decimal zero condition requires no input condition
as zero is encoded when all nine data lines are at a high logic level. All data inputs and outputs are active at the low
logic level.
Features
• High Speed Operation: t
pd = 14.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC147P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74HC147FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Outputs
1
2
3
4
5
6
7
8
9
D
C
B
A
H
H
H
H
H
H
H
H
H
H
H
H
H
X
X
X
X
X
X
X
X
L
L
H
H
L
X
X
X
X
X
X
X
L
H
L
H
H
H
X
X
X
X
X
X
L
H
H
H
L
L
L
X
X
X
X
X
L
H
H
H
H
L
L
H
X
X
X
X
L
H
H
H
H
H
L
H
L
X
X
X
L
H
H
H
H
H
H
L
H
H
X
X
L
H
H
H
H
H
H
H
H
L
L
X
L
H
H
H
H
H
H
H
H
H
L
H
L
H
H
H
H
H
H
H
H
H
H
H
L
H :
High level
L :
Low level
X :
Irrelevant


Similar Part No. - HD74HC147

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
10-to-4-line Priority Encoder
More results

Similar Description - HD74HC147

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC147 PHILIPS-74HC147 Datasheet
120Kb / 23P
10-to-4 line priority encoder
2003 Oct 30
logo
STMicroelectronics
HCC40147B STMICROELECTRONICS-HCC40147B Datasheet
275Kb / 12P
10 TO 4 LINE BCD PRIORITY ENCODER
Apr-1991
M54HC147 STMICROELECTRONICS-M54HC147 Datasheet
241Kb / 10P
10 TO 4 LINE PRIORITY ENCODER
Oct-1992
logo
Texas Instruments
CD40147B TI-CD40147B Datasheet
436Kb / 10P
10-LINE TO 4-LINE BCD PRIORITY ENCODER
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
10-to-4-line Priority Encoder
logo
Intersil Corporation
ACS147MS INTERSIL-ACS147MS Datasheet
39Kb / 2P
Radiation Hardened 10-to-4 Line Priority Encoder
July 1999
CD40147BMS INTERSIL-CD40147BMS Datasheet
81Kb / 8P
10 Line to 4 Line BCD Priority Encoder
December 1992
logo
National Semiconductor ...
MM54HC147 NSC-MM54HC147 Datasheet
108Kb / 4P
10-to-4 Line Priority Encoder
logo
NXP Semiconductors
74HC147N PHILIPS-74HC147N Datasheet
43Kb / 7P
10-TO-4 LINE PRIORITY ENCODER
December 1990
logo
National Semiconductor ...
MM54HCT147 NSC-MM54HCT147 Datasheet
105Kb / 4P
10-to-4 Line Priority Encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com