Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZB-21 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZB-21
Description  ZigBee OEM Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZB-21 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZB-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZB-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZB-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZB-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZB-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Amp’ed RF, Inc.
(phone) 408 213-9530
(fax) 408 213-9533
Pin Assignment
Name
Type
Pin#
Description
Alt Function
VIN
24
VIN
GND
11, 23
GND
UART Interface
RXD
I
8
Receive data
TXD
O
6
Transmit data
CTS
I
9
Clear to send (active low)
RTS
O
10
Request to send (active low)
Special Function for Flash ROM
SYSCLK
I
15
Input System Clock (4-33MHz)
External Clock Input
(optional)
MODE2
I
16
System Clock Source:
Internal (H),External (L)
BOOT0
I
20
Input (active low)
Boot ROM, high
Application ROM, low
MODE3
I
22
(Default: Pull Down)
Reserved for testing
RESET
I
3
Reset input (active low for 5 ms);
GPIO – General Purpose Input/Output
GPIO [0]
I/O
1
General Purpose Input/Output
SPI; MOSI
GPIO [1]
I/O
2
General Purpose Input/Output
SPI; SCLK
GPIO [2]
I/O
4
General Purpose Input/Output
SPI; SSN
GPIO [3]
I/O
5
General Purpose Input/Output
A/D, AIN2
GPIO [4]
I/O
7
General Purpose Input/Output
A/D, AIN0
GPIO [5]
I/O
12
General Purpose Input/Output
20mA current sink
GPIO [6]
I/O
13
General Purpose Input/Output
20mA current sink
GPIO [7]
I/O
14
General Purpose Input/Output
20mA current sink
GPIO [8]
I/O
17
General Purpose Input/Output
GPIO [9]
I/O
18
General Purpose Input/Output
A/D, AIN3
GPIO [10]
I/O
19
General Purpose Input/Output
A/D, AIN1
GPIO [11]
I/O
21
General Purpose Input/Output
SPI; MISO
©2008 Amp’ed RF Inc
1722 Ringwood Ave, Suite 250, San Jose, CA 95131, USA
KC21 Datasheet 03/3/2008
www.ampedrf.com
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com