Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU7NB90I Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU7NB90I
Description  N-CHANNEL 900V - 1.1 ohm - 7.3 A Max220/Max220I PowerMesh??MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU7NB90I Datasheet(HTML) 1 Page - STMicroelectronics

  STU7NB90I Datasheet HTML 1Page - STMicroelectronics STU7NB90I Datasheet HTML 2Page - STMicroelectronics STU7NB90I Datasheet HTML 3Page - STMicroelectronics STU7NB90I Datasheet HTML 4Page - STMicroelectronics STU7NB90I Datasheet HTML 5Page - STMicroelectronics STU7NB90I Datasheet HTML 6Page - STMicroelectronics STU7NB90I Datasheet HTML 7Page - STMicroelectronics STU7NB90I Datasheet HTML 8Page - STMicroelectronics STU7NB90I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2001
STU7NB90
STU7NB90I
N-CHANNEL 900V - 1.1
Ω - 7.3 A Max220/Max220I
PowerMesh™ MOSFET
s
TYPICAL RDS(on) = 1.1 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
s
REDUCED VOLTAGE SPREAD
DESCRIPTION
Using the latest high voltage MESH OVERLAY™
process, STMicroelectronics has designed an ad-
vanced family of power MOSFETs with outstanding
performances. The new patent pending strip layout
coupled with the Company’s proprieraty edge termi-
nation structure, gives the lowest RDS(on) per area,
exceptional avalanche and dv/dt capabilities and
unrivalled gate charge and switching characteris-
tics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STU7NB90
900 V
< 1.45
Ω
7.3 A
STU7NB90I
900 V
< 1.45
Ω
7.3 A
Symbol
Parameter
Value
Unit
STU7NB90
STU7NB90I
VDS
Drain-source Voltage (VGS = 0)
900
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
900
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
7.3
7.3 (*)
A
ID
Drain Current (continuos) at TC = 100°C
4.6
4.6 (*)
A
IDM (q)
Drain Current (pulsed)
29.2
29.2 (*)
A
PTOT
Total Dissipation at TC = 25°C
170
60
W
Derating Factor
1.36
0.47
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
4
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2500
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1) ISD ≤7.3 A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(*) Current Limited by Package
INTERNAL SCHEMATIC DIAGRAM
Max220
Max220I
1
2
3


Similar Part No. - STU7NB90I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU7NB100 STMICROELECTRONICS-STU7NB100 Datasheet
45Kb / 5P
N - CHANNEL 1000V - 1.2ohm - 7.3A - Max220 PowerMESH MOSFET
Mar-1999
More results

Similar Description - STU7NB90I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NB90 STMICROELECTRONICS-STP3NB90 Datasheet
85Kb / 6P
N - CHANNEL 900V - 4 ohm - 3.5 A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1998
STU11NB60 STMICROELECTRONICS-STU11NB60 Datasheet
46Kb / 5P
N-CHANNEL 600V - 0.5ohm - 11A - Max220 PowerMESH MOSFET
Jan-1999
STU16NB50 STMICROELECTRONICS-STU16NB50 Datasheet
49Kb / 6P
N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET
Sep-1999
STU16NC50 STMICROELECTRONICS-STU16NC50 Datasheet
260Kb / 8P
N-CHANNEL 500V - 0.22ohm - 16A Max220 PowerMesh™ I MOSFET
Oct-2001
STU7NA90 STMICROELECTRONICS-STU7NA90 Datasheet
49Kb / 5P
N - CHANNEL 900V - 1.05 ohm - 7A - Max220 FAST POWER MOS TRANSISTOR
Jun-1998
STU7NB100 STMICROELECTRONICS-STU7NB100 Datasheet
45Kb / 5P
N - CHANNEL 1000V - 1.2ohm - 7.3A - Max220 PowerMESH MOSFET
Mar-1999
STU8NB90 STMICROELECTRONICS-STU8NB90 Datasheet
48Kb / 5P
N-CHANNEL 900V - 0.7ohm - 8.9A - Max220 PowerMESH MOSFET
Dec-1998
STU8NC90Z STMICROELECTRONICS-STU8NC90Z Datasheet
413Kb / 10P
N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
Sep-2000
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh™ MOSFET
Jul-2001
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH™ II MOSFET
Jul-2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com