Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38C89MF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M38C89MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C89MF Datasheet(HTML) 2 Page - Renesas Technology Corp

  M38C89MF Datasheet HTML 1Page - Renesas Technology Corp M38C89MF Datasheet HTML 2Page - Renesas Technology Corp M38C89MF Datasheet HTML 3Page - Renesas Technology Corp M38C89MF Datasheet HTML 4Page - Renesas Technology Corp M38C89MF Datasheet HTML 5Page - Renesas Technology Corp M38C89MF Datasheet HTML 6Page - Renesas Technology Corp M38C89MF Datasheet HTML 7Page - Renesas Technology Corp M38C89MF Datasheet HTML 8Page - Renesas Technology Corp M38C89MF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
1
38C8 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
DESCRIPTION
The 38C8 group is the 8-bit microcomputer based on the 740 family
core technology.
The 38C8 group has a LCD drive control circuit (bias control, time
sharing control), a 10-bit A-D converter, and a Serial I/O as additional
functions.
The various microcomputers in the 38C8 group include variations of
internal memory type and packaging. For details, refer to the section
on part numbering.
FEATURES
qBasic machine-language instructions ....................................... 71
qThe minimum instruction execution time ............................ 0.5
µs
(at 8 MHz oscillation frequency)
qMemory size
ROM ............................................................................ 60 K bytes
RAM ............................................................................ 2048 bytes
qProgrammable input/output ports ............................................. 35
qSoftware pull-up resistors
.................................................................. Ports P0–P3, P41–P47
qInterrupts ................................................... 14 sources, 14 vectors
(includes key input interrupt)
qTimers ............................................................ 8-bit ✕ 3, 16-bit ✕ 2
qSerial I/O ........................ 8-bit ✕ 1 (UART or Clock-synchronized)
qA-D converter (32 kHz operating available) ... 10-bit ✕ 8 channels
qLCD drive control circuit
Bias ................................................................................... 1/5, 1/7
Duty .............................................................................. 1/16, 1/32
Common output ............................................................... 16 or 32
Segment output ............................................................... 52 or 68
qMain clock generating circuit (RC oscillation selectable)
...................... (connect to external ceramic resonator or resistor)
qSub-clock generating circuit
............................... (connect to external quartz-crystal oscilaltor)
qPower source voltage
In high-speed mode .................................................... 4.0 to 5.5 V
In middle-speed mode ................................................ 2.2 to 5.5 V
In low-speed mode ..................................................... 2.2 to 5.5 V
qPower dissipation
In high-speed mode ........................................................... 30 mW
(at 8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode ............................................................. 60
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage, at
WIT state, at voltage multiplier operating, LCD drive waveform
generating state)
qOperating temperature range ................................... – 20 to 85°C
APPLICATIONS
Dot-matrix-type LCD displays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com