Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0056 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV0056
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV0056 Datasheet HTML 9Page - STMicroelectronics STV0056 Datasheet HTML 10Page - STMicroelectronics STV0056 Datasheet HTML 11Page - STMicroelectronics STV0056 Datasheet HTML 12Page - STMicroelectronics STV0056 Datasheet HTML 13Page - STMicroelectronics STV0056 Datasheet HTML 14Page - STMicroelectronics STV0056 Datasheet HTML 15Page - STMicroelectronics STV0056 Datasheet HTML 16Page - STMicroelectronics STV0056 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
50
µA
1
µA
10k
Ω
S1 VID RTN
S2 VID RTN
S3 VID RTN
CLAMP IN
V
DD 5V
GND 0V
1
1
V
DD 9V
Figure 1
2.3mA
GND 0V
4
V
CC 12V
VID MUX
10k
Ω
16.7k
Ω
GND 0V
I Black Level
60
Ω
S3 VID OUT
V
REF 2.4V
25k
Ω
Figure 2
2.3mA
GND 0V
4
V
CC 12V
VID MUX
10k
Ω
20k
Ω
GND 0V
60
Ω
S1 VID OUT
S2 VID OUT
V
REF 2.4V
20k
Ω
Figure 3
2.3mA
GND 0V
4
V
CC 12V
IN
10k
Ω
16.7k
Ω
GND 0V
60
Ω
UNCL DEEM
V
REF 2.4V
25k
Ω
Figure 4
1
125
µA
6
µ/2µ
10
µ/2µ
VIDEEM1
Figure 5
1
125
µA
6
µ/2µ
10
µ/2µ
VIDEEM2/22kHz
V
DD 5V
100
µ/2µ
60
µ/2µ
22kHz
Figure 6
PIN INTERNAL CIRCUITRY
S1 VID RTN, S2 VID RTN, S3 VID RTN,
CLAMP IN
50
µA source is active only when VIDIN < 2.7V.
S3 VID OUT
I black level is I
2C programmablefrom source 16µA
to sink 33
µA equivalent to an offset voltage of
-150mV to + 300mV.
The 60
Ω collector resistor is for short cct. protec-
tion.
S1 VID OUT, S2 VID OUT
Same as above but with no black level adjustment.
UNCL DEEM
Same as above but with no black level adjustment
and slightly different gain.
VIDEEM1
Ron of the transistor gate is
≈10kΩ.
VIDEEM2 / 22kHz
Ron of the transistor gate is
≈10kΩ.
STV0056A
13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com