Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVL147 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HVL147
Description  Silicon Epitaxial Trench Pin Diode for Antenna Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL147 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HVL147 Datasheet HTML 1Page - Renesas Technology Corp HVL147 Datasheet HTML 2Page - Renesas Technology Corp HVL147 Datasheet HTML 3Page - Renesas Technology Corp HVL147 Datasheet HTML 4Page - Renesas Technology Corp HVL147 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.3.00 Jan 13, 2006 page 1 of 4
HVL147
Silicon Epitaxial Trench Pin Diode for Antenna Switching
REJ03G0393-0300
Rev.3.00
Jan 13, 2006
Features
• Adopting the trench structure improves low capacitance. (C = 0.31 pF max)
• Low forward resistance. (rf = 1.5 Ω max)
• Low operation current.
• Extremely small Flat Lead Package (EFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Name
Package Code
HVL147
N
EFP
PXSF0002ZA-A
Pin Arrangement
Cathode mark
Mark
1. Cathode
2. Anode
12


Similar Part No. - HVL147

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVL147 RENESAS-HVL147 Datasheet
82Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL147M RENESAS-HVL147M Datasheet
161Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
More results

Similar Description - HVL147

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC136 HITACHI-HVC136 Datasheet
25Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
logo
Renesas Technology Corp
HVD144A RENESAS-HVD144A Datasheet
79Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVD148 RENESAS-HVD148 Datasheet
50Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL147 RENESAS-HVL147 Datasheet
82Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVD147 RENESAS-HVD147 Datasheet
82Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL147M RENESAS-HVL147M Datasheet
161Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
RKP201KN RENESAS-RKP201KN Datasheet
158Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL144A RENESAS-HVL144A Datasheet
67Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL148 RENESAS-HVL148 Datasheet
155Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVD135 RENESAS-HVD135 Datasheet
80Kb / 8P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com