Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62501FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62501FP
Description  PWM IC for the Synchronized Deflection System Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62501FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62501FP Datasheet HTML 1Page - Renesas Technology Corp M62501FP Datasheet HTML 2Page - Renesas Technology Corp M62501FP Datasheet HTML 3Page - Renesas Technology Corp M62501FP Datasheet HTML 4Page - Renesas Technology Corp M62501FP Datasheet HTML 5Page - Renesas Technology Corp M62501FP Datasheet HTML 6Page - Renesas Technology Corp M62501FP Datasheet HTML 7Page - Renesas Technology Corp M62501FP Datasheet HTML 8Page - Renesas Technology Corp M62501FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
M62501P/FP
Rev.2.00 Jun 14, 2006 page 3 of 10
Electrical Characteristics
(VCC = 12 V, TIN = 40 kHz, Ta = 25°C, unless otherwise noted)
Limits
Block
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Range of power supply
VCC
VCC OFF
14
V
All device
Circuit current
ICC
20
mA
Output off mode
Reference voltage
VREF
4.80
5.00
5.20
V
IREF =
−5 mA
Input regulation
Reg-in
1.0
10
mV
VCC = 7 to 14 V
IREF =
−5 mA
Load regulation
Reg-L
2.0
20
mV
IREF = 0 to
−5 mA
Reference voltage thermal
coefficient
TCVREF
0.01
%/°C
Maximum reference current
IREF MAX
−30
mA
Reference
voltage
section
Short-circuit current
Is
−30
mA
Input offset voltage
VIO
7
mV
Input bias current
IIb
−100
nA
Input offset current
IIO
−100
100
nA
Common mode input
voltage range
VICM
−0.3
VCC
− 2
V
Open loop transmission gain
AV
70
110
dB
Slew rate
SR
4
V/
µs
Output voltage range
VOR
0.3
VREF
− 1.5
V
Output sink current
Isink
10
mA
Error Amp.
Output source current
Isource
−10
mA
Input bias current
Ib
−20
nA
Slew rate
SR
4
V/
µs
Output voltage
VOR
0.3
VCC
− 2.5
V
Output sink current
Isink
2
mA
Buffer Amp.
Output source current
Isource
−10
mA
Oscillation frequency
fOSC
15
150
kHz
The oscillator waveform
bound voltage
VOSC H
3.5
V
The oscillator waveform
lower limit voltage
VOSC L
1.5
V
High level of TIN
VTIN H
2.5
VCC
V
Oscillator
Low level of TIN
VTIN L
1.0
V
Output saturation voltage L
Vsat L
0.7
1.4
V
IO = 100 mA
PWM output
section
Output saturation voltage H
Vsat H
9.5
10.5
V
IO =
−100 mA
ON threshold voltage
VTH ON
8.0
9.0
10.0
V
UVLO
section
OFF threshold voltage
VTH OFF
5.4
6.0
6.6
V
OVP terminal threshold
voltage
VTH OVP
4.75
5.00
5.25
V
OVP section
OVP terminal input current
IIN OVP
1.0
µA
Input offset voltage
VUVPO
7
mV
UVP section
UVP terminal input current
IIN UVP
1.0
µA
Output saturation voltage
Vsat
0.4
V
IPO = 10 mA
P.OUT
section
Output leakage current
IL
1.0
µA
VPO = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com