Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5KM-5 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # FS5KM-5
Description  MITSUBISHI Nch POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS5KM-5 Datasheet(HTML) 2 Page - Renesas Technology Corp

  FS5KM-5 Datasheet HTML 1Page - Renesas Technology Corp FS5KM-5 Datasheet HTML 2Page - Renesas Technology Corp FS5KM-5 Datasheet HTML 3Page - Renesas Technology Corp FS5KM-5 Datasheet HTML 4Page - Renesas Technology Corp FS5KM-5 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
VGS = 0V
VDS = 0V
AC for 1minute, Terminal to case
Typical value
APPLICATION
SMPS, DC-DC Converter, battery charger, power
supply of printer, copier, HDD, FDD, TV, VCR, per-
sonal computer etc.
¡VDSS ..............................................................................250V
¡rDS (ON) (MAX) .............................................................. 1.3
Ω
¡ID ..........................................................................................5A
¡Viso .............................................................................. 2000V
250
±30
5
15
30
–55 ~ +150
–55 ~ +150
2000
2.0
V
V
A
A
W
°C
°C
Vrms
g
FS5KM-5
VDSS
VGSS
ID
IDM
PD
Tch
Tstg
Viso
—
OUTLINE DRAWING
Dimensions in mm
TO-220FN
MITSUBISHI Nch POWER MOSFET
FS5KM-5
HIGH-SPEED SWITCHING USE
Symbol
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Isolation voltage
Weight
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Ratings
Unit
w
q
e
10 ± 0.3
2.8 ± 0.2
φ 3.2 ± 0.2
1.1 ± 0.2
1.1 ± 0.2
0.75 ± 0.15
2.54 ± 0.25
2.54 ± 0.25
0.75 ± 0.15
12 3
q GATE
w DRAIN
e SOURCE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com