Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0676 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV0676
Description  CMOS Digital Camera Co-processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0676 Datasheet(HTML) 1 Page - STMicroelectronics

  STV0676 Datasheet HTML 1Page - STMicroelectronics STV0676 Datasheet HTML 2Page - STMicroelectronics STV0676 Datasheet HTML 3Page - STMicroelectronics STV0676 Datasheet HTML 4Page - STMicroelectronics STV0676 Datasheet HTML 5Page - STMicroelectronics STV0676 Datasheet HTML 6Page - STMicroelectronics STV0676 Datasheet HTML 7Page - STMicroelectronics STV0676 Datasheet HTML 8Page - STMicroelectronics STV0676 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
October 2002
ADCS 7280926C
1/21
STV0676
CMOS Digital Camera Co-processor
®
The STV0676 co-processor combined with ST
CMOS image sensors offers highly integrated
imaging products which deliver USB 1.1, RGB-
preview, YCrCb or M-JPEG digital video data at up
to 30 frames per second.
The STV0676 interfaces to CIF (352 x 288) or VGA
(640 x 480) image sensor and performs:
- pixel defect correction,
- auto exposure, auto gain,
- auto white balance, anti-aliasing, anti-flicker,
- colour interpolation, colour balance,
- gamma correction,
- M-JPEG compression.
STV0676 chipsets are supported by a fully-featured
USB driver. This provides a wide range of user
definable settings for optimum camera setup and
operation. Isochronous data transfer over USB
guarantees video quality at all times, irrespective of
the number of other peripherals.
Low power consumption, highly integrated designs
and simple support circuitry enable OEMs to design
low cost, low power, camera products for high
volume consumer market places.
STMicroelectronics offers camera manufacturers
rapid-to-market camera products supported by
comprehensive reference designs, software drivers
and technical backup.
KEY FEATURES
s Real-time video - up to 30fps VGA
s USB 1.1 compliant
s Motion-JPEG compression
s Isochronous USB data transfer
s Direct Show driver support
s Programmable vendor ID
s RGB-preview, YCrCb or M-JPEG video output
s Automatic exposure, gain and white balance
APPLICATIONS
USB camera:
- Biometric identification, toys and games
Embedded applications support:
- PDA, notebook PC, mobile phone
- Set top box, and security applications
Typical application
CMOS Sensor
CIF or VGA
lens + IR filter
to host PC
USB Cable
STV0676
EEPROM
image
array
MIcro
Processor
USB
Interface
Video
Compression
Video
Processor


Similar Part No. - STV0676

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0676 STMICROELECTRONICS-STV0676 Datasheet
52Kb / 2P
VGA Color CMOS Image Sensor Module
May-2004
More results

Similar Description - STV0676

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0681 STMICROELECTRONICS-STV0681 Datasheet
351Kb / 44P
DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
Mar-2003
logo
Samsung semiconductor
KS7301B SAMSUNG-KS7301B Datasheet
359Kb / 34P
DIGITAL CAMERA PROCESSOR
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
DIGITAL CAMERA PROCESSOR
logo
Hitachi Semiconductor
HD49815TF HITACHI-HD49815TF Datasheet
91Kb / 25P
Digital Camera Signal Processor
logo
STMicroelectronics
STV0674 STMICROELECTRONICS-STV0674 Datasheet
336Kb / 35P
Tri-mode CMOS digital camera co-processor
Jul-2003
STV0684 STMICROELECTRONICS-STV0684 Datasheet
487Kb / 49P
Digital Camera Processor
logo
Zoran Corporation
ZR36460 ZORAN-ZR36460 Datasheet
94Kb / 2P
Digital Camera Processor
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
Digital Camera Processor
COACH10 ZORAN-COACH10 Datasheet
116Kb / 2P
Digital Camera Processor
logo
Renesas Technology Corp
HD49815TF RENESAS-HD49815TF Datasheet
278Kb / 22P
Digital Camera Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com