Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35047-XXXSP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M35047-XXXSP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35047-XXXSP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M35047-XXXSP Datasheet HTML 1Page - Renesas Technology Corp M35047-XXXSP Datasheet HTML 2Page - Renesas Technology Corp M35047-XXXSP Datasheet HTML 3Page - Renesas Technology Corp M35047-XXXSP Datasheet HTML 4Page - Renesas Technology Corp M35047-XXXSP Datasheet HTML 5Page - Renesas Technology Corp M35047-XXXSP Datasheet HTML 6Page - Renesas Technology Corp M35047-XXXSP Datasheet HTML 7Page - Renesas Technology Corp M35047-XXXSP Datasheet HTML 8Page - Renesas Technology Corp M35047-XXXSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
DESCRIPTION
The M35047-XXXSP/FP is a character pattern display control IC
can display on the CRT display the liquid crystal display and the
plasma display. It uses a silicon gate CMOS process and it
housed in a 20-pin shrink DIP package (M35047-XXXSP) or a 20-
pin shrink SOP package (M35047-XXXFP).
For M35047-002SP/FP that is a standard ROM version of
M35047-XXXSP/FP respectively, the character pattern is also
mentioned.
FEATURES
• Screen composition ................................ 24 characters ✕ 12 lines
• Number of characters displayed................................... 288 (Max.)
• Character composition .....................................12 ✕ 18 dot matrix
• Characters available..................... ROM character:255 characters
RAM character:8 characters
• Character sizes available ....................4 (vertical) ✕ 4 (horizontal)
• Display locations available
Horizontal direction .............................................. 2007 locations
Vertical direction .................................................. 2047 locations
• Blinking .................................................................. Character units
Cycle : division of vertical synchronization signal into 32 or 64
Duty
: 25%, 50%, or 75%
• Data input ............................. By the I2C-BUS serial input function
• Coloring for ROM character
Character color ..................................... 8 colors (Character unit)
Background coloring ............................. 8 colors (Character unit)
Border (shadow) coloring ..................... 8 colors (unit of screen /
character unit)
Raster coloring.......................................8 colors (unit of screen)
• Blanking for ROM character
Character size blanking
Border size blanking
Matrix-outline blanking
All blanking (all raster area)
• Coloring for RAM character................................8 colors (dot by dot)
• Blanking for RAM character
Character size blanking
Matrix-outline blanking
All blanking (all raster area)
• Output ports
4 shared output ports (toggled between RGB output)
4 dedicated output ports
• Display RAM erase function
• Display input frequency range ....... FOSC = 20.0MHz to 100.0MHz
• Horizontal synchronous input frequency
........................................................ H.sync = 15 kHz to 130 kHz
• Display oscillation stop function
APPLICATION
CRT display, Liquid crystal display, Plasma display
Outline 20P4B
PIN CONFIGURATION (TOP VIEW)
Outline 20P2Q-A
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Rev.1.2
→
→
→
→
↔
→
→
→
→
→
→
CPOUT
VSS2
AC
TEST
SCL
SDA
TCK
VDD1
P6
P7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VDD2
VERT
HOR
P5/B
P4
P3/G
P2
P1/R
P0/BLNK0
VSS1
CPOUT
VSS2
AC
TEST
SCL
SDA
TCK
VDD1
P6
P7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VDD2
VERT
HOR
P5/B
P4
P3/G
P2
P1/R
P0/BLNK0
VSS1
←
←
←
→
→
→
→
→
→
←
←
←
←
→
→
→
→
↔
←
←
←



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com