Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD26C32AP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD26C32AP
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26C32AP Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD26C32AP Datasheet HTML 1Page - Renesas Technology Corp HD26C32AP Datasheet HTML 2Page - Renesas Technology Corp HD26C32AP Datasheet HTML 3Page - Renesas Technology Corp HD26C32AP Datasheet HTML 4Page - Renesas Technology Corp HD26C32AP Datasheet HTML 5Page - Renesas Technology Corp HD26C32AP Datasheet HTML 6Page - Renesas Technology Corp HD26C32AP Datasheet HTML 7Page - Renesas Technology Corp HD26C32AP Datasheet HTML 8Page - Renesas Technology Corp HD26C32AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HD26C32A
Rev.2.00, Jul.16.2004, page 2 of 12
Pin Arrangement
(Top view)
1
2
3
4
5
6
7
IN A1
GND
IN A2
OUT A
OUT C
8
Enable
IN C2
IN C1
13
14
15
10
11
12
9
16 VCC
IN B1
IN B2
OUT B
Enable
OUT D
IN D2
IN D1
Function Table
Differential Input
Enable
Enable
Enable
Enable
Enable
Outputs
V
ID≥ V TH or OPEN
H
X
H
XL
V
TL < VID < VTH
HX
?
XL
V
ID≥ V TH
HX
L
XL
XL
H
Z
H :
High level
L :
Low level
Z :
High impedance
X :
Irrelevant
? :
Indeterminate
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Supply Voltage*2
V
CC
7V
Common Mode Input Voltage
V
CM
±14
V
Differential Input Voltage*3
V
DIFF
±14
V
Enable Input Voltage
V
IN
7V
Output Current
I
O
±25
mA
Storage Temperature
Tstg
–65 to +150
°C
Notes: 1. The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two
of which may be realized at the same time.
2. All voltage values except for differential input voltage are with respect to network ground terminal.
3. Differential input voltage is measured at the noninverting input with respect to the corresponding inverting
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com